Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49150TL/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM49150TL/NOPB
Description  Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49150TL/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM49150TL/NOPB Datasheet HTML 1Page - Texas Instruments LM49150TL/NOPB Datasheet HTML 2Page - Texas Instruments LM49150TL/NOPB Datasheet HTML 3Page - Texas Instruments LM49150TL/NOPB Datasheet HTML 4Page - Texas Instruments LM49150TL/NOPB Datasheet HTML 5Page - Texas Instruments LM49150TL/NOPB Datasheet HTML 6Page - Texas Instruments LM49150TL/NOPB Datasheet HTML 7Page - Texas Instruments LM49150TL/NOPB Datasheet HTML 8Page - Texas Instruments LM49150TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Volume
Class D
Volume
INM+
Volume
1 PF
1 PF
0.22 PF
0.22 PF
SDA
SCL
+ 6
+12 dB
Speaker
LSOUT+
8
+
+
+
+
- 6 dB
+
-
GND
Bias
Cs6
Bypass
CIN4
CIN3
CIN2
CIN1
INR
INL
I
2
CVDD
I
2
C
Interface
Mixer
and
Output
Mode
Select
2.2 PF
+
1 PF
Cs7
VDD
80 ~ + 18 dB
-
80 ~ + 18 dB
-
80 ~ + 18 dB
-
BYPASS
INM-
LSOUT-
2.2 PF
0.1 PF
Cs2
Cs1
LSVDD
LDO
HPR
HPL
Cs5
Charge Pump
C1
CPP
CPN
CPGND
VO (LDO)
2.2 PF
2.2 PF
Headphone
-18 dB - 0 dB
(8 steps)
+
2.2 PF
0.1 PF
Cs3
Cs4
CPVss
Headphone
-18 dB - 0 dB
(8 steps)
Amp
LM49150, LM49150TLEVAL
SNAS439C – AUGUST 2008 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Typical Application
Figure 1. Typical Audio Amplifier Application Circuit-Output Capacitor-less
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM49150 LM49150TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com