Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49120TLEVAL Datasheet(PDF) 7 Page - Texas Instruments

Part # LM49120TLEVAL
Description  Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49120TLEVAL Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM49120TLEVAL Datasheet HTML 3Page - Texas Instruments LM49120TLEVAL Datasheet HTML 4Page - Texas Instruments LM49120TLEVAL Datasheet HTML 5Page - Texas Instruments LM49120TLEVAL Datasheet HTML 6Page - Texas Instruments LM49120TLEVAL Datasheet HTML 7Page - Texas Instruments LM49120TLEVAL Datasheet HTML 8Page - Texas Instruments LM49120TLEVAL Datasheet HTML 9Page - Texas Instruments LM49120TLEVAL Datasheet HTML 10Page - Texas Instruments LM49120TLEVAL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LM49120, LM49120TLEVAL
www.ti.com
SNAS431C – JUNE 2008 – REVISED MAY 2013
Electrical Characteristics 5.0V
(1) (2)
The following specifications apply for VDD = 5.0V, TA = 25°C, all volume controls set to 0dB, unless otherwise specified.
LM49120
Units
Parameter
Test Conditions
(Limits)
Typ(3)
Limits(4)
VIN = 0, No Load
Output mode 5, 6, 7, 9, 10, 11, 13, 14, 15
7.2
mA
OCL Headphone
Output mode 5, 6, 7, 9, 10, 11, 13, 14, 15
6.4
mA
SE Headphone
Output mode 1, 2, 3
6.4
mA
IDD
Supply Current
OCL Headphone
Output mode 1, 2, 3
4.8
mA
SE Headphone
Output mode 4, 8, 12
4.4
mA
OCL Headphone
Output mode 4, 8, 12
3.5
mA
SE Headphone
ISD
Shutdown Current
Shutdown Mode 0
0.01
µA
VIN = 0V, Output Mode 10, LS output
10
mV
VOS
Output Offset Voltage
VIN = 0V, Output Mode 10, HP output,
1.5
mV
(OCL), 0dB (HP Output Gain)
LS OUT; RL = 8Ω
1.3
W
THD+N = 1%; f = 1kHz, BTL, Mode 1
PO
Output Power
LOUT and ROUT; RL = 32Ω
85
mW
THD+N = 1%; f = 1kHz, OCL, Mode 8
LSOUT
f = 1kHz
0.05
%
POUT = 250mW; RL = 8Ω, BTL, Mode 1
THD+N
Total Harmonic Distortion + Noise
LOUT and ROUT, f = 1kHz
0.015
%
POUT = 12mW; RL = 32Ω, SE, Mode 8
LOUT and ROUT, f = 1kHz
0.015
%
POUT = 12mW; RL = 32Ω, OCL, Mode 8
A-weighted,
inputs terminated to GND, Output referred
Speaker Amplifier; Mode 1
17
μV
Speaker Amplifier; Mode 2
27
μV
Speaker Amplifier; Mode 3
33
μV
Headphone Amplifier; SE, Mode 4
8
μV
eOUT
Output Noise
Headphone Amplifier; SE, Mode 8
8
μV
Headphone Amplifier; SE, Mode 12
12
μV
Headphone Amplifier; OCL, Mode 4
9
μV
Headphone Amplifier; OCL, Mode 8
9
μV
Headphone Amplifier; OCL, Mode 12
12
μV
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list spacified specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured
(3)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
(4)
Datasheet min/max specification limits are ensured by test or statistical analysis.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM49120 LM49120TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com