Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1221 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1221
Description  Nonvolatile Controller x 4 Chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1221 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1221 Datasheet HTML 1Page - Dallas Semiconductor DS1221 Datasheet HTML 2Page - Dallas Semiconductor DS1221 Datasheet HTML 3Page - Dallas Semiconductor DS1221 Datasheet HTML 4Page - Dallas Semiconductor DS1221 Datasheet HTML 5Page - Dallas Semiconductor DS1221 Datasheet HTML 6Page - Dallas Semiconductor DS1221 Datasheet HTML 7Page - Dallas Semiconductor DS1221 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DS1221
5 of 8
CAPACITANCE
(tA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5pF
Output Capacitance
COUT
7pF
AC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; V
CC = 4.5 to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CE
Propagation Delay
tPD
515
25
ns
5
CE
High to Power-Fail
tPF
0ns
Address Setup
tAS
20
ns
9
(0
°C to 70°C; V
CC < 4.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Recovery at Power-Up
tREC
25
10
ms
VCC Slew Rate 4.5 - 4.25V
tF
300
µs
VCC Slew Rate 4.25 - 3V
tFB
10
µs
VCC Slew Rate 4.25 - 4.5V
tR
0µs
CE
Pulse Width
tCE
1.5
µs
7, 8
NOTES:
1. All voltages are referenced to ground.
2. Only one battery input is required.
3. Measured with VCCO and CE0 - CE3 open.
4. ICCO1 is the maximum average load which the DS1221 can supply to the memories.
5. Measured with a load as shown in Figure 4.
6. ICCO2 is the maximum average load current which the DS1221 can supply to the memories in the
battery back-up mode.
7. Chip enable outputs CE0 - CE3 can only sustain leakage current in the battery back-up mode.
8. tCE max. must be met to ensure data integrity on power loss.
9. tAS is only required to keep the decoder outputs glitch-free. While CE is low, the outputs ( CE0 - CE3 )
will be defined by inputs A and B with a propagation delay of tPD from an A or B input change.
10. For applications where higher currents are required, please see the DS1259 Battery Manager Chip
data sheet.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com