Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC16550D Datasheet(PDF) 21 Page - Texas Instruments

Part # PC16550D
Description  Universal Asynchronous Receiver/Transmitter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PC16550D Datasheet(HTML) 21 Page - Texas Instruments

Back Button PC16550D Datasheet HTML 17Page - Texas Instruments PC16550D Datasheet HTML 18Page - Texas Instruments PC16550D Datasheet HTML 19Page - Texas Instruments PC16550D Datasheet HTML 20Page - Texas Instruments PC16550D Datasheet HTML 21Page - Texas Instruments PC16550D Datasheet HTML 22Page - Texas Instruments PC16550D Datasheet HTML 23Page - Texas Instruments PC16550D Datasheet HTML 24Page - Texas Instruments PC16550D Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
PC16550D
www.ti.com
SNLS378C – JUNE 1995 – REVISED MAY 2015
Bit 1: This bit is the Overrun Error (OE) indicator. Bit 1 indicates that data in the Receiver Buffer Register was
not read by the CPU before the next character was transferred into the Receiver Buffer Register, thereby
destroying the previous character. The OE indicator is set to a logic 1 upon detection of an overrun condition and
reset whenever the CPU reads the contents of the Line Status Register. If the FIFO mode data continues to fill
the FIFO beyond the trigger level, an overrun error will occur only after the FIFO is full and the next character
has been completely received in the shift register. OE is indicated to the CPU as soon as it happens. The
character in the shift register is overwritten, but it is not transferred to the FIFO.
Bit 2: This bit is the Parity Error (PE) indicator. Bit 2 indicates that the received data character does not have the
correct even or odd parity, as selected by the even-parityselect bit. The PE bit is set to a logic 1 upon detection
of a parity error and is reset to a logic 0 whenever the CPU reads the contents of the Line Status Register. In the
FIFO mode this error is associated with the particular character in the FIFO it applies to. This error is revealed to
the CPU when its associated character is at the top of the FIFO.
Bit 3: This bit is the Framing Error (FE) indicator. Bit 3 indicates that the received character did not have a valid
Stop bit. Bit 3 is set to a logic 1 whenever the Stop bit following the last data bit or parity bit is detected as a logic
0 bit (Spacing level). The FE indicator is reset whenever the CPU reads the contents of the Line Status Register.
In the FIFO mode this error is associated with the particular character in the FIFO it applies to. This error is
revealed to the CPU when its associated character is at the top of the FIFO. The UART will try to resynchronize
after a framing error. To do this it assumes that the framing error was due to the next start bit, so it samples this
‘‘start’’ bit twice and then takes in the ‘‘data’’.
Bit 4: This bit is the Break Interrupt (BI) indicator. Bit 4 is set to a logic 1 whenever the received data input is
held in the Spacing (logic 0) state for longer than a full word transmission time (that is, the total time of Start bit +
data bits + Parity + Stop bits). The BI indicator is reset whenever the CPU reads the contents of the Line Status
Register. In the FIFO mode this error is associated with the particular character in the FIFO it applies to. This
error is revealed to the CPU when its associated character is at the top of the FIFO. When break occurs only one
zero character is loaded into the FIFO. The next character transfer is enabled after SIN goes to the marking state
and receives the next valid start bit.
NOTE
Bits 1 through 4 are the error conditions that produce a Receiver Line Status interrupt
whenever any of the corresponding conditions are detected and the interrupt is enabled.
Table 5. Interrupt Control Functions
FIFO
Interrupt
Mode
Identification
Interrupt Set and Reset Functions
Only
Register
Priority
Bit 3
Bit 2 Bit 1
Bit 0
Interrupt Type
Interrupt Source
Interrupt Reset Control
Level
0
0
0
1
–
None
None
–
0
1
1
0
Highest
Receiver Line
Overrun Error or Parity Error or
Reading the Line Status Register
Status
Framing Error or Break Interrupt
0
1
0
0
Second
Received Data
Receiver Data Available or Trigger
Reading the Receiver Buffer Register
Available
Level Reached
or the FIFO Drops Below the Trigger
Level
1
1
0
0
Second
Character Timeout
No Characters Have Been
Reading the Receiver
Indication
Removed From or Input to the
RCVR FIFO During the Last 4
Char. Times and There Is at Least
1 Char. in It During This Time
0
0
1
0
Third
Transmitter
Transmitter Holding Register Empty
Reading the IIR Register (if source of
Holding Register
interrupt) or Writing into the
Empty
Transmitter Holding Register
0
0
0
0
Fourth
MODEM Status
Clear to Send or Data Set Ready or Reading the MODEM Status Register
Ring Indicator or Data Carrier
Detect
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: PC16550D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com