Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7621 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCI7621
Description  Dual/Single Socket CardBus
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCI7621 Datasheet(HTML) 1 Page - Texas Instruments

  PCI7621 Datasheet HTML 1Page - Texas Instruments PCI7621 Datasheet HTML 2Page - Texas Instruments PCI7621 Datasheet HTML 3Page - Texas Instruments PCI7621 Datasheet HTML 4Page - Texas Instruments PCI7621 Datasheet HTML 5Page - Texas Instruments PCI7621 Datasheet HTML 6Page - Texas Instruments PCI7621 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.ti.com
FEATURES
PCI7621/PCI7611
PCI7421/PCI7411
SLLA248 – JULY 2006
Dual/Single Socket CardBus and UltraMedia Controller With Integrated 1394a-2000 OHCI
Two-Port PHY/Link-Layer Controller With Dedicated Flash Media Socket
•
Fully interoperable with FireWire™ and
i.LINK™ implementations of IEEE Std 1394
•
PC Card Standard 8.1 compliant
•
Compliant with Intel Mobile Power Guideline
•
PCI Bus Power Management Interface
2000
Specification 1.1 compliant
•
Full IEEE Std 1394a-2000 support includes:
•
Advanced Configuration and Power Interface
connection debounce, arbitrated short reset,
(ACPI) Specification 2.0 compliant
multispeed concatenation, arbitration
•
PCI Local Bus Specification Revision 2.3
acceleration, fly-by concatenation, and port
compliant
disable/suspend/resume
•
PC 98/99 and PC2001 compliant
•
Power-down features to conserve energy in
•
Windows Logo Program 2.0 compliant
battery-powered applications include:
•
PCI Bus Interface Specification for
automatic device power down during
PCI-to-CardBus Bridges
suspend, PCI power management for
•
Fully compliant with provisions of IEEE Std
link-layer, and inactive ports powered down,
1394-1995 for a high-performance serial bus
ultralow-power sleep mode
and IEEE Std 1394a-2000
•
Two IEEE Std 1394a-2000 fully compliant
•
Fully compliant with 1394 Open Host
cable ports at 100M bits/s, 200M bits/s, and
Controller Interface Specification 1.1
400M bits/s
•
1.5-V core logic and 3.3-V I/O cells with
•
Cable ports monitor line conditions for active
internal voltage regulator to generate 1.5-V
connection to remote node
core VCC
•
Cable power presence monitoring
•
Universal PCI interfaces compatible with
•
Separate cable bias (TPBIAS) for each port
3.3-V and 5-V PCI signaling environments
•
Physical write posting of up to three
•
Supports PC Card or CardBus with hot
outstanding transactions
insertion and removal
•
PCI burst transfers and deep FIFOs to
•
Supports 132-MBps burst transfers to
tolerate large host latency
maximize data throughput on both the PCI
•
External cycle timer control for customized
bus and the CardBus
synchronization
•
Supports serialized IRQ with PCI interrupts
•
Extended resume signaling for compatibility
•
Programmable multifunction terminals
with legacy DV components
•
Many interrupt modes supported
•
PHY-Link logic performs system initialization
•
Serial ROM interface for loading subsystem
and arbitration functions
ID and subsystem vendor ID
•
PHY-Link encode and decode functions
•
ExCA-compatible registers are mapped in
included for data-strobe bit level encoding
memory or I/O space
•
PHY-Link incoming data resynchronized to
•
Intel 82365SL-DF register compatible
local clock
•
Supports ring indicate, SUSPEND, and PCI
•
Low-cost 24.576-MHz crystal provides
CLKRUN protocols
transmit and receive data at 100M bits/s,
200M bits/s, and 400M bits/s
•
Provides VGA/palette memory and I/O, and
subtractive decoding options, LED activity
•
Node power class information signaling for
terminals
system power management
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
FireWire is a trademark of Apple Computer, Inc..
i.LINK is a trademark of Sony Corporation of America.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCI7621

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI7621 TI-PCI7621 Datasheet
1Mb / 298P
DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
More results

Similar Description - PCI7621

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
PCMCIA/CardBus Socket Power Controller
logo
Texas Instruments
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PCI6621 TI-PCI6621 Datasheet
860Kb / 204P
DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PCI4515 TI-PCI4515 Datasheet
1Mb / 216P
SINGLE SOCKET CARDBUS CONTROLLER WITH INTEGRATED
PCI6515 TI-PCI6515 Datasheet
760Kb / 148P
SINGLE SOCKET CARDBUS CONTROLLER WITH DEDICATED SMART CARD SOCKET
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
PCMCIA/CardBus Socket Power Controller
logo
Texas Instruments
PCI6515A TI-PCI6515A Datasheet
219Kb / 6P
Single Socket CardBus Controller with Dedicated Smart Card Socket
PCI6621 TI1-PCI6621_08 Datasheet
224Kb / 6P
Dual/Single Socket CardBus
PCI6620 TI1-PCI6620_09 Datasheet
228Kb / 6P
Dual Socket CardBus
PCI7620 TI1-PCI7620 Datasheet
224Kb / 7P
Dual Socket CardBus
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com