Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1737E/2K Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1737E/2K
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1737E/2K Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1737E/2K Datasheet HTML 17Page - Texas Instruments PCM1737E/2K Datasheet HTML 18Page - Texas Instruments PCM1737E/2K Datasheet HTML 19Page - Texas Instruments PCM1737E/2K Datasheet HTML 20Page - Texas Instruments PCM1737E/2K Datasheet HTML 21Page - Texas Instruments PCM1737E/2K Datasheet HTML 22Page - Texas Instruments PCM1737E/2K Datasheet HTML 23Page - Texas Instruments PCM1737E/2K Datasheet HTML 24Page - Texas Instruments PCM1737E/2K Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
®
21
PCM1737
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 21
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
INC
REG6
REG5
REG4
REG3
REG2
REG1
REG0
R/W
Read/Write Mode Select
When R/W = 0, a Write operation is performed.
When R/W = 1, a Read operation is performed.
Default Value: 0
INC
Auto-Increment Read Control
This bit is Read/Write.
Default Value: 0
INC = 0
Auto-Increment Read Disabled (default)
INC = 1
Auto-Increment Read Enabled
The INC bit is used to enable or disable the Auto-Increment Read feature of the Serial Control Interface. Refer
to the Serial Control Interface section of this data sheet for details regarding Auto-Increment Read operation.
REG[6:0]
Read Register Index
These bits are Read/Write.
Default Value: 01H
Bits REG[6:0] are used to set the index of the register to be read when performing a Single Register Read
operation. In the case of an Auto-Increment Read operation, bits REG[6:0] indicate the index of the last register
to be read in the in the Auto-Increment Read sequence. For example, if Registers 1 through 6 are to be read
during an Auto-Increment Read operation, bits REG[6:0] would be set to 06H.
Refer to the Serial Control Interface section of this data sheet for details regarding the Single Register and Auto-
Increment Read operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com