Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1748KE/2K Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1748KE/2K
Description  Audio Digital-to-Analog Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1748KE/2K Datasheet(HTML) 4 Page - Texas Instruments

  PCM1748KE/2K Datasheet HTML 1Page - Texas Instruments PCM1748KE/2K Datasheet HTML 2Page - Texas Instruments PCM1748KE/2K Datasheet HTML 3Page - Texas Instruments PCM1748KE/2K Datasheet HTML 4Page - Texas Instruments PCM1748KE/2K Datasheet HTML 5Page - Texas Instruments PCM1748KE/2K Datasheet HTML 6Page - Texas Instruments PCM1748KE/2K Datasheet HTML 7Page - Texas Instruments PCM1748KE/2K Datasheet HTML 8Page - Texas Instruments PCM1748KE/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
www.ti.com
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system clock = 384 fS, and 24-bit data, unless otherwise
noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT
Output voltage
Full scale (0 dB)
0.62 VCC
Vp-p
Center voltage
0.5 VCC
VDC
Load impedance
AC load
5
k
Ω
DIGITAL FILTER PERFORMANCE
Filter Characteristics, Sharp Rolloff
Pass band
±0.03 dB
0.454 fS
Pass band
–3 dB
0.487 fS
Stop band
0.546 fS
Pass-band ripple
±0.03
dB
Stop band = 0.546 fS
–50
Stop-band attenuation
dB
Stop band = 0.567 fS
–55
Filter Characteristics, Slow Rolloff
Pass band
±0.5 dB
0.198 fS
Pass band
–3 dB
0.39 fS
Stop band
0.884 fS
Pass-band ripple
±0.5
dB
Stop-band attenuation
Stop band = 0.884 fS
–40
dB
Delay time
20/fS
s
De-emphasis error
±0.1
dB
ANALOG FILTER PERFORMANCE
f = 20 kHz
–0.03
Frequency response
dB
f = 44 kHz
–0.20
POWER SUPPLY REQUIREMENTS
VDD
3
3.3
3.6
Supply voltage
VDC
VCC
4.5
5
5.5
fS = 44.1 kHz
6
10
IDD
fS = 96 kHz
13
Supply current
mA
fS = 44.1 kHz
8.5
13
ICC
fS = 96 kHz
9
fS = 44.1 kHz
62
98
Power dissipation
mW
fS = 96 kHz
88
TEMPERATURE RANGE
TA
Operation temperature
–25
85
°C
θ
JA
Thermal resistance
115
°C/W
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com