Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4947TLEVAL Datasheet(PDF) 20 Page - Texas Instruments

Part # LM4947TLEVAL
Description  Mono Class D and Stereo Audio Sub-System
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4947TLEVAL Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM4947TLEVAL Datasheet HTML 16Page - Texas Instruments LM4947TLEVAL Datasheet HTML 17Page - Texas Instruments LM4947TLEVAL Datasheet HTML 18Page - Texas Instruments LM4947TLEVAL Datasheet HTML 19Page - Texas Instruments LM4947TLEVAL Datasheet HTML 20Page - Texas Instruments LM4947TLEVAL Datasheet HTML 21Page - Texas Instruments LM4947TLEVAL Datasheet HTML 22Page - Texas Instruments LM4947TLEVAL Datasheet HTML 23Page - Texas Instruments LM4947TLEVAL Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
OUTPUT POWER (mW)
0
0
120
500
40
60
80
100
50
100
150
200
250
300
350
400
450
20
OUTPUT POWER (mW)
0
0
120
200
40
60
80
100
20
20
40
60
80
100
120
140
160
180
OUTPUT POWER (mW)
0
0
50
160
80
100
120
140
10
20
30
40
20
40
60
OUTPUT POWER (mW)
0
0
300
1600
50
100
150
200
250
400
800
1200
OUTPUT POWER (mW)
0
0
10
20
30
40
50
60
70
10
20
30
40
OUTPUT POWER (mW)
0
0
50
350
10
20
30
40
50
100
150
200
250
300
LM4947, LM4947TLEVAL
SNAS349D – JUNE 2006 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Power Dissipation vs Output Power
Power Dissipation vs Output Power
VDD = 3.3V, RL = 32Ω, f = 1kHz
VDD = 5V, RL = 32Ω, f = 1kHz
Mode 2, 4, 6, SE
Mode 7, OCL
Figure 66.
Figure 67.
Power Dissipation vs Output Power
Power Dissipation vs Output Power
VDD = 5V, RL = 32Ω, f = 1kHz
VDD = 5V, RL = 8Ω, f = 1kHz
Mode 7, SE
Mode 1, 3, 5, MONO
Figure 68.
Figure 69.
Power Dissipation vs Output Power
Power Dissipation vs Output Power
VDD = 5V, RL = 32Ω, f = 1kHz
VDD = 5V, RL = 32Ω, f = 1kHz
Mode 2, 4, 6, OCL
Mode 2, 4, 6, SE
Figure 70.
Figure 71.
20
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4947 LM4947TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com