Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA139 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA139
Description  High-Side Measurement CURRENT SHUNT MONITOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA139 Datasheet(HTML) 2 Page - Texas Instruments

  INA139 Datasheet HTML 1Page - Texas Instruments INA139 Datasheet HTML 2Page - Texas Instruments INA139 Datasheet HTML 3Page - Texas Instruments INA139 Datasheet HTML 4Page - Texas Instruments INA139 Datasheet HTML 5Page - Texas Instruments INA139 Datasheet HTML 6Page - Texas Instruments INA139 Datasheet HTML 7Page - Texas Instruments INA139 Datasheet HTML 8Page - Texas Instruments INA139 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
INA139, INA169
2
SBOS181C
www.ti.com
Supply Voltage, V+
INA139 ............................................................................... –0.3V to 60V
INA169 ............................................................................... –0.3V to 75V
Analog Inputs, VIN+, VIN–
INA139
Common Mode ............................................................... –0.3V to 60V
Differential (VIN+) – (VIN–) .................................................. –40V to 2V
INA169
Common Mode ............................................................... –0.3V to 75V
Differential (VIN+) – (VIN–) .................................................. –40V to 2V
Analog Output, Out .............................................................. –0.3V to 40V
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –65
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those specified is not implied.
ABSOLUTE MAXIMUM RATINGS(1)
PIN CONFIGURATION
Top View
SOT
OUT
GND
V
IN
V+
V
IN
1
2
3
5
4
+
–
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
INA139
SOT23-5 Surface-Mount
DBV
–40
°C to +85°C
E39
INA139NA/250
Tape and Reel, 250
"
"""
"
INA139NA/3K
Tape and Reel, 3000
INA169
SOT23-5 Surface-Mount
DBV
–40
°C to +85°C
A69
INA169NA/250
Tape and Reel, 250
"
"""
"
INA169NA/3K
Tape and Reel, 3000
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
PACKAGE/ORDERING INFORMATION(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com