Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6136 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP6136
Description  Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6136 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP6136 Datasheet HTML 2Page - Exar Corporation SP6136 Datasheet HTML 3Page - Exar Corporation SP6136 Datasheet HTML 4Page - Exar Corporation SP6136 Datasheet HTML 5Page - Exar Corporation SP6136 Datasheet HTML 6Page - Exar Corporation SP6136 Datasheet HTML 7Page - Exar Corporation SP6136 Datasheet HTML 8Page - Exar Corporation SP6136 Datasheet HTML 9Page - Exar Corporation SP6136 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Oct 3-06 Rev L
SP636 Synchronous Buck Controller
© 2006 Sipex Corporation
THEORY OF OPERATION
The SP6136 contains two unique control
features that are very powerful in distributed
applications. First, non-synchronous driver
control is enabled during start up to prohibit
the low side NFET from pulling down the out-
put until the high side NFET has attempted to
turn on. Second, a 00% duty cycle timeout
ensures that the low side NFET is periodically
enhanced during extended periods at 00%
duty cycle. This guarantees the synchronized
refreshing of the BST capacitor during very
large duty ratios.
The SP636 also contains a number of valu-
able protection features. A programmable
input UVLO allows a user to set the exact
value at which the conversion voltage is
at a safe point to begin down conversion,
and an internal VCC UVLO ensures that
the controller itself has enough voltage to
properly operate. Other protection features
include thermal shutdown and short-circuit
detection. In the event that either a thermal,
short-circuit, or UVLO fault is detected, the
SP636 is forced into an idle state where the
output drivers are held off for a finite period
before a re-start is attempted.
Soft Start
“Soft Start” is achieved when a power con-
verter ramps up the output voltage while
controlling the magnitude of the input sup-
ply source current. In a modern step down
converter, ramping up the non-inverting input
of the error amplifier controls soft start. As a
result, excess source current can be defined
as the current required to charge the output
capacitor
IVIN, X
=
Cout • ΔVout
ΔTSoft-start
The SP636 provides the user with the op-
tion to program the soft start rate by tying
a capacitor from the SS pin to GND. The
selection of this capacitor is based on the
0µA pull up current present at the SS pin
and the 0.8V reference voltage. Therefore,
the excess current source can be redefined
as:
IVIN, X = COUT • ΔVOUT •
0µA
(CSS X 0.8V)
Hiccup
Upon the detection of a power, thermal, or
short-circuit fault, the SP636 is forced into
an idle state for a minimum of 200ms. The
SS and COMP pins are immediately pulled
low, and the gate drivers are held off for the
duration of the timeout period. Power and
thermal faults have to be removed before a
restart may be attempted, whereas, a short-
circuit fault is internally cleared shortly after
the fault latch is set. Therefore, a restart at-
tempt is guaranteed every 200ms (typical) as
long as the short-circuit condition persists.
A short-circuit detection comparator has
also been included in the SP636 to protect
against the accidental short or severe build
up of current at the output of the power con-
verter. This comparator constantly monitors
the inputs to the error amplifier, and if the
VFB pin ever falls more than 250mV (typical)
below the voltage reference, a short-circuit
fault is set. Because the SS pin overrides the
internal 0.8V reference during soft start, the
SP636 is capable of detecting short-circuit
faults throughout the duration of soft start as
well as in regular operation.
Error Amplifier & Voltage Loop
As stated before, the heart of the SP636
voltage error loop is a high performance,
wide bandwidth transconductance ampli-
fier. Because of the amplifier’s current
limited (+00µA) transconductance, there
are many ways to compensate the voltage
loop or to control the COMP pin externally.
If a simple, single pole, single zero response
is required, then compensation can be as
simple as an RC circuit to ground. If a more
complex compensation is required, then the
amplifier has enough bandwidth (45° at 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com