Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF2907Z Datasheet(PDF) 1 Page - International Rectifier

Part # IRF2907Z
Description  AUTOMOTIVE MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF2907Z Datasheet(HTML) 1 Page - International Rectifier

  IRF2907Z Datasheet HTML 1Page - International Rectifier IRF2907Z Datasheet HTML 2Page - International Rectifier IRF2907Z Datasheet HTML 3Page - International Rectifier IRF2907Z Datasheet HTML 4Page - International Rectifier IRF2907Z Datasheet HTML 5Page - International Rectifier IRF2907Z Datasheet HTML 6Page - International Rectifier IRF2907Z Datasheet HTML 7Page - International Rectifier IRF2907Z Datasheet HTML 8Page - International Rectifier IRF2907Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IRF2907Z
IRF2907ZS
IRF2907ZL
06/17/04
www.irf.com
1
AUTOMOTIVE MOSFET
HEXFET® is a registered trademark of International Rectifier.
Description
Specifically designed for Automotive applications,
this HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low
on-resistance per silicon area. Additional features
of this design are a 175°C junction operating
temperature, fast switching speed and improved
repetitive avalanche rating . These features com-
bine to make this design an extremely efficient
and reliable device for use in Automotive applica-
tions and a wide variety of other applications.
Features
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
PD - 95872
D2Pak
IRF2907ZS
TO-220AB
IRF2907Z
TO-262
IRF2907ZL
HEXFET® Power MOSFET
VDSS = 75V
RDS(on) = 4.5mى
ID = 75A
S
D
G
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
A
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V (See Fig. 9)
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy (Thermally Limited)
d
mJ
EAS (tested)
Single Pulse Avalanche Energy Tested Value
i
IAR
Avalanche Current
c
A
EAR
Repetitive Avalanche Energy
h
mJ
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Mounting torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
k
–––
0.45
°C/W
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
RθJA
Junction-to-Ambient
k
–––
62
RθJA
Junction-to-Ambient (PCB Mount, steady state)
jk
–––
40
10 lbf•in (1.1N•m)
330
2.2
± 20
300
690
See Fig.12a,12b,15,16
300 (1.6mm from case )
-55 to + 175
Max.
170
120
680
75


Similar Part No. - IRF2907Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2907Z IRF-IRF2907Z Datasheet
364Kb / 12P
AUTOMOTIVE MOSFET
logo
Inchange Semiconductor ...
IRF2907Z ISC-IRF2907Z Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRF2907ZL IRF-IRF2907ZL Datasheet
364Kb / 12P
AUTOMOTIVE MOSFET
IRF2907ZLPBF IRF-IRF2907ZLPBF Datasheet
785Kb / 12P
HEXFET Power MOSFET
IRF2907ZLPBF IRF-IRF2907ZLPBF Datasheet
426Kb / 12P
Advanced Process Technology
More results

Similar Description - IRF2907Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3808S IRF-IRF3808S Datasheet
162Kb / 11P
AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
AUTOMOTIVE MOSFET
IRF2903ZSPBF IRF-IRF2903ZSPBF Datasheet
344Kb / 11P
AUTOMOTIVE MOSFET
IRF3805S-7P IRF-IRF3805S-7P Datasheet
638Kb / 10P
AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR3505TRL KERSEMI-IRFR3505TRL Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFR3710ZPBF KERSEMI-IRFR3710ZPBF Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFU3505PBF KERSEMI-IRFU3505PBF Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com