Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6683 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP6683
Description  1X/1.5X High Efficiency Charge Pump
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6683 Datasheet(HTML) 2 Page - Exar Corporation

  SP6683 Datasheet HTML 1Page - Exar Corporation SP6683 Datasheet HTML 2Page - Exar Corporation SP6683 Datasheet HTML 3Page - Exar Corporation SP6683 Datasheet HTML 4Page - Exar Corporation SP6683 Datasheet HTML 5Page - Exar Corporation SP6683 Datasheet HTML 6Page - Exar Corporation SP6683 Datasheet HTML 7Page - Exar Corporation SP6683 Datasheet HTML 8Page - Exar Corporation SP6683 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Date: 3/31/06 RevG
SP6683 1X/1.5X Charge Pump LED Driver for Flash or Backlight
© Copyright 2006 Sipex Corporation
ELECTRICAL CHARACTERISTICS
Unless otherwise specified: VIN = 3.6V, C1 = C4 = 2.2µF & C2 = C3 = 1µF (Ceramic, ESR=0.03Ω) and TAMB =25°.
The
♦ denotes specifications which apply over full operating temperature range -40ºC to +85ºC.
V
IN, VMODE, VOUT and EN/PWM ................. -0.3V to 6V
Output Current (I
OUT) ...................................... 300mA
Power Dissipation per Package - 10-pin DFN
(derate 8.84mW/°C above +70°C) ..................... 1.2W
Junction Temperature .................................... +125°C
Storage Temperature ...................... -65°C to +150°C
ESD Rating. ................................................ 2kV HBM
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
ABSOLUTE MAXIMUM RATINGS
Parameter
Min.
Typ.
Max.
Units
Conditions
Input Voltage
2.7
5.5
V
♦
Quiescent Current
0.5
3
mA
♦
VIN = 3.0 - 5.5V, VOUT = 3.6V,
Iout = 100µA
Shutdown Current
0.5
1.5
µA
♦
VEN/PWM = 0.0V, VIN = 5.5V
Maximum Load Current
200
mA
VIN = 4.2V, Vout = 3.6V
Oscillator Frequency
0.7
1.2
1.5
MHz
♦
VIN = 2.7 - 5.5V
V
FB
Reference Voltage
0.283
0.315
0.347
V
♦
IOUT = 20mA, VOUT = 3.6V,
1.5X Mode
Output Resistance
813
Ω
♦
1.5X Mode, 100mA Load
36
♦
1.0X Mode, 100mA Load
V
MODE
Threshold Voltage
1.00
1.25
1.50
V
VIN Falling
V
MODE
Hysteresis
60
150
mV
VIN = 3.6V
V
MODE
Pin Current
0.01
0.5
µA
♦
VMODE = 1.25 V
EN/PWM Logic Low
0.4
V
♦
EN/PWM Logic High
1.6
V
♦
EN/PWM Pin Current
0.01
0.5
µA
♦
VEN/PWM = 4.2V
FB Pin Current
0.01
0.5
µA
♦
VFB = 1V
V
OUT Ripple
80
mV
VOUT = 4V, IOUT = 100mA ,1.5x
Mode
V
OUT
Turn-On Time
250
500
µs
♦
FB within 90% regulation
1.5X Mode, V
OUT
= 3.6, IOUT =
100µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com