Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8464BTP-2 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8464BTP-2
Description  Disk Pulse Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8464BTP-2 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button DP8464BTP-2 Datasheet HTML 11Page - National Semiconductor (TI) DP8464BTP-2 Datasheet HTML 12Page - National Semiconductor (TI) DP8464BTP-2 Datasheet HTML 13Page - National Semiconductor (TI) DP8464BTP-2 Datasheet HTML 14Page - National Semiconductor (TI) DP8464BTP-2 Datasheet HTML 15Page - National Semiconductor (TI) DP8464BTP-2 Datasheet HTML 16Page - National Semiconductor (TI) DP8464BTP-2 Datasheet HTML 17Page - National Semiconductor (TI) DP8464BTP-2 Datasheet HTML 18Page - National Semiconductor (TI) DP8464BTP-2 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Application Information (Continued)
To properly decode the information on the disk the read
channel must determine if there is a peak (or a ‘‘1’’) during a
period of time called a detection window The detection win-
dow for MFM and the (27) code is
1(2 c data bit rate)
This detection window must accommodate errors in many
parts of the system including filters data separator and
peak shift variations in the data pattern The pulse pairing of
the DP8464B should be included in the error budget calcu-
lation
Unequal delays through the bi-directional one shots will
contribute to pulse pairing To minimize this effect pin 2
should be connected to 22 and pin 23 should be connected
to 21 If connected this way the delays tend to cancel For
the PCC Package Pin 26 to Pin 2 and Pin 25 to Pin 27
DIFFERENTIAL COMPARATOR WITH HYSTERESIS
The actual peak detection is done in the time channel with
the differentiator Unfortunately the differentiator not only
responds to signal peaks but also responds to noise at the
baseline In order to prevent this noise from generating false
data the signal at the output of the Gain Controlled Amplifi-
er is also passed through a gating channel which prevents
any output change before the input signal has crossed an
established level This gating channel comprises a differen-
tial comparator with hysteresis and a D flip-flop The hyster-
esis for this comparator is set externally via the Set Hystere-
sis pin The amount of hysteresis is twice the voltage on the
Set Hysteresis pin For instance if the voltage on the Set
Hysteresis pin is 03V the differential input signal must be
larger than 06V(g03V) before the output of the compara-
tor will change states The 06V hysteresis represents 30%
of a typical 2V differential input signal level to the
gating channel The hysteresis level is usually set between
15% to 40% of the differential input signal
The operation of the gating channel is shown in
Figure 13
At the top is a typical Region 1 waveform which exhibits
shouldering on the lowest frequency and is almost sinusoi-
dal on the highest frequency In this example this waveform
is fed to both the timing and the gating channel The hyster-
esis level (of about 25%) has been drawn on this waveform
The second waveform is the output of the differentiator and
its bi-directional one shot This is the waveform on the Time
Pulse Out pin While there is a positive edge pulse at each
peak there is also noise at the shoulders In this example
the Time Pulse Out is connected directly to the Time Pulse
In without any external delay This output is therefore the
clock for the D flip-flop
The third waveform in
Figure 13 is the output of the Compar-
ator with Hysteresis which goes to the D input of the flip-
flop The true peaks are the first positive edges of the Time
Pulse Out which occur after the output of the comparator
has changed states The D flip-flop will ‘‘clock’’ in these
valid peaks to the output bi-directional one shot Therefore
the noise pulses (due to the differentiator responding to
noise at the baseline) just ‘‘clock’’ in the old data through
the flip-flop and the output does not change
The Q output of the flip-flop drives the output bidirectional
one-shot which generates the positive edges corresponding
to the peaks The width of the data pulses can be controlled
by an external capacitor from the Set Pulse Width pin to
ground This pulse width can be adjusted from 20 ns to
the period of the highest frequency Typical values for this
capacitor are 20 pF for a 25 ns pulse width to 100 pF for a
100 ns pulse
TLF5283 – 19
FIGURE 13 Time and Gate Channel Operation for Region 1 Signals
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com