Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7653 Datasheet(PDF) 14 Page - Exar Corporation

Part # SP7653
Description  1.3MHz, Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7653 Datasheet(HTML) 14 Page - Exar Corporation

Back Button SP7653 Datasheet HTML 7Page - Exar Corporation SP7653 Datasheet HTML 8Page - Exar Corporation SP7653 Datasheet HTML 9Page - Exar Corporation SP7653 Datasheet HTML 10Page - Exar Corporation SP7653 Datasheet HTML 11Page - Exar Corporation SP7653 Datasheet HTML 12Page - Exar Corporation SP7653 Datasheet HTML 13Page - Exar Corporation SP7653 Datasheet HTML 14Page - Exar Corporation SP7653 Datasheet HTML 15Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image

Date: /20/06
SP7653 Wide Input Voltage Range, .3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
14
Date: 2/17/06
SP7653 Wide Input Voltage Range, 1.3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
PACKAGE: 26 PIN DFN
TOP VIEW
D
E
(7 x 4 mm)
Pin #1
Identification
Note: Fused Pin Area for pins 1-3 and
pins 14-16 = (2e+b)xL - 2x(e-b) x L/2
= 0.376mm2 or 0.0148 in2
BOTTOM VIEW
A
SIDE VIEW
A3
A1
(K)
b
e
L
E2
D3
D2
D2
J
J1
J1
5
4
3
2
1
1 4
1 5
1 6
1 7
1 8
1 3
2 6
L/2
L
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
0.800
0.900
1.000
0.0315
0.0354
0.0394
A1
0.000
-
0.050
0.0000
-
0.0020
A3
0.178
0.203
0.228
0.0070
0.0080
0.0090
b
0.170
0.220
0.270
0.0067
0.0087
0.0106
D
6.950
7.000
7.050
0.2736
0.2756
0.2776
D2
2.000
2.050
2.100
0.0787
0.0807
0.0827
D3
1.780
1.830
1.880
0.0701
0.0720
0.0740
e
E
3.950
4.000
4.050
0.1555
0.1575
0.1594
E2
2.730
2.780
2.830
0.1075
0.1094
0.1114
J
0.200
0.250
0.300
0.0079
0.0098
0.0118
J1
0.250
0.300
0.350
0.0098
0.0118
0.0138
K
0.340
0.390
0.440
0.0134
0.0154
0.0173
L
0.350
0.400
0.450
0.0138
0.0157
0.0177
26 Pin DFN
Dimensions in Millimeters:
Controlling Dimension
Dimensions in Inches
Conversion Factor:
1 Inch = 25.40 mm
SIPEX Pkg Signoff Date/Rev:
JL Feb16-06 / RevB
0.500 BSC
0.0197 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com