Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP690ACP Datasheet(PDF) 1 Page - Exar Corporation

Part # SP690ACP
Description  Low Power Microprocessor Supervisory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP690ACP Datasheet(HTML) 1 Page - Exar Corporation

  SP690ACP Datasheet HTML 1Page - Exar Corporation SP690ACP Datasheet HTML 2Page - Exar Corporation SP690ACP Datasheet HTML 3Page - Exar Corporation SP690ACP Datasheet HTML 4Page - Exar Corporation SP690ACP Datasheet HTML 5Page - Exar Corporation SP690ACP Datasheet HTML 6Page - Exar Corporation SP690ACP Datasheet HTML 7Page - Exar Corporation SP690ACP Datasheet HTML 8Page - Exar Corporation SP690ACP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Date: 11/29/04
SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2004 Sipex Corporation
1
SP690A/692A/802L/
802M/805L/805M
Low Power Microprocessor Supervisory
with Battery Switch-Over
The SP690A/692A/802L/802M/805L/805M are a family of microprocessor (µP) supervisory
circuits that integrate a myriad of components involved in discrete solutions to monitor power-
supply and battery-control functions in µP and digital systems. The series will significantly
improve system reliability and operational efficiency when compared to discrete solutions.
The features of the SP690A/692A/802L/802M/805L/805M include a watchdog timer, a µP
reset and backup-battery switchover, and power-failure warning, a complete µP monitoring
and watchdog solution. The series is ideal for applications in automotive systems, computers,
controllers, and intelligent instruments. All designs where it is critical to monitor the power
supply to the µP and it’s related digital components will find the series to be an ideal solution.
FEATURES
■ Precision Voltage Monitor:
SP690A/SP802L/SP805L at 4.65V
SP692A/SP802M/SP805M at 4.40V
■ Reset Time Delay - 200ms
■ Watchdog Timer - 1.6 sec timeout
■ Minimum component count
■ 60µA Maximum Operating Supply Current
■ 0.6µA Maximum Battery Backup Current
■ 0.1µA Maximum Battery Standby Current
■ Power Switching
250mA Output in V
CC Mode (0.6Ω)
25mA Output in Battery Mode (5Ω)
■ Voltage Monitor for Power Fail or
Low Battery Warning
■ Available in 8 pin SO and DIP packages
■ RESET asserted down to V
CC = 1V
DESCRIPTION
R
E
B
M
U
N
T
R
A
P
T
E
S
E
R
d
l
o
h
s
e
r
h
Td
l
o
h
s
e
r
h
T
d
l
o
h
s
e
r
h
T
d
l
o
h
s
e
r
h
Td
l
o
h
s
e
r
h
T
T
E
S
E
R
y
c
a
r
u
c
c
Ay
c
a
r
u
c
c
A
y
c
a
r
u
c
c
A
y
c
a
r
u
c
c
Ay
c
a
r
u
c
c
A
e
v
i
t
c
A
T
E
S
E
R
y
c
a
r
u
c
c
A
I
F
P
A
0
9
6
P
SV
5
6
.
4V
m
5
2
1W
O
L%
4
A
2
9
6
P
SV
0
4
.
4V
m
5
2
1W
O
L%
4
L
2
0
8
P
SV
5
6
.
4V
m
5
7W
O
L%
2
M
2
0
8
P
SV
0
4
.
4V
m
5
7W
O
L%
2
L
5
0
8
P
SV
5
6
.
4V
m
5
2
1H
G
I
H%
4
M
5
0
8
P
SV
0
4
.
4V
m
5
2
1H
G
I
H%
4
1
2
3
4
5
6
7
8
8 PIN NSOIC
VOUT
VCC
GND
PFI
VBATT
RESET (RESET)*
WDI
PFO
*SP805 only
®
Now Available in Lead Free Packaging
■ Pin Compatible Upgrades to
MAX690A/692A/802L/802M/805L
APPLICATIONS
■ Critical µP Power Monitoring
■ Intellegent Instruments
■ Computers
■ Controllers


Similar Part No. - SP690ACP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690ACP SIPEX-SP690ACP Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690ACP SIPEX-SP690ACP Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690ACP SIPEX-SP690ACP Datasheet
411Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
More results

Similar Description - SP690ACP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705_06 Datasheet
429Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP705 EXAR-SP705 Datasheet
1Mb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706REN-L SIPEX-SP706REN-L Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP707EN-L SIPEX-SP707EN-L Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP813LCN-L EXAR-SP813LCN-L Datasheet
1Mb / 17P
Low Power Microprocessor Supervisory Circuits
SP691A EXAR-SP691A Datasheet
237Kb / 24P
Low Power Microprocessor Supervisory
SP791 EXAR-SP791 Datasheet
219Kb / 19P
Low Power Microprocessor Supervisory
logo
Shanghai Consonance Ele...
CN705 CONSONANCE-CN705 Datasheet
390Kb / 14P
Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com