Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW105B Datasheet(PDF) 1 Page - BOWEI Integrated Circuits CO.,LTD.

Part # SW105B
Description  SPST Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.

SW105B Datasheet(HTML) 1 Page - BOWEI Integrated Circuits CO.,LTD.

  SW105B Datasheet HTML 1Page - BOWEI Integrated Circuits CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BOWEI INTEGRATED CIRCUITS CO.,LTD.
7
Specifications (Vcc=+5V, Vee=-5V)
Switching time
Outline drawing(
)
mm
Application note:
1.Supply power: +5V@30mA/-5V@30mA.
2.High power to 1w(cw).
3.Logic input hihg(2.5~5V,1mAMax):on
Logic input low(0~0.6V,3mA Max):off
4.Higher isolation,specified outline drawing and opposite control logic are available.
5.Do not curre the lead undaly.Exceed Soldering time(10 second at 280℃)may cause permenent damage.
6.1uF electroytic capacitance and 0.01~0.1uF chip Capacitance are recommed on the power port to filter the
infeference.
K0
K1
4X0.5
-5V +5V GND TTL
1.5(Min)
26.60
8.30
5.0
2.54
7.62
20.60
4M2.0
l
Absorptive SPST PIN switch, good VSWR marching
l
l
High efficiency modulation
l
l
Wide operating temp range, high reliability
l
Features
Part number
Frequency range
(GHz)
Insertion loss
(dB)
(Typ/Max)
VSWR
(Typ)
Isolation
(dB)
(Typ/Min)
Rise edge
(ns)
(Typ)
SW101B
0.5~2
1.0/1.5
1.3
70/65
15
SW102B
1~4
1.4/1.8
1.4
70/65
15
SW103B
2~8
1.8/2.5
1.7
65/60
15
SW104B
2~12
2.0/2.5
1.7
65/60
15
SW105B
4~16
3.0/3.5
2.0
60/55
15
●
●
●
●
TEL:+86-311-87091891 87091887
FAX:+86-311-87091282
http://www.cn-bowei.com
E-mail:cjian @cn-bowei.com
SW10x
SPST Switches
Operating temperature range:-45℃~+85℃
Removable SMA Connectors
Low insertion loss. High isolation


Similar Part No. - SW105B

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
SW105 BOWEI-SW105 Datasheet
102Kb / 1P
SPST Switches
logo
Superworld Electronics
SW105D05EHISMF SUPERWORLD-SW105D05EHISMF Datasheet
158Kb / 2P
1W High Isolation 3kVdc Surface Mount DC-DC Converter
SW105D05ESMF SUPERWORLD-SW105D05ESMF Datasheet
152Kb / 2P
1W Single & Dual Surface Mount DC-DC Converter
SW105D05HIMSMF SUPERWORLD-SW105D05HIMSMF Datasheet
180Kb / 2P
0.75W High Isolation 3kVdc Surface Mount DC-DC Converter
SW105D05HISMF SUPERWORLD-SW105D05HISMF Datasheet
152Kb / 2P
1W High Isolation 3kVdc SMD 24-pin DIP DC-DC Converter
More results

Similar Description - SW105B

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
SW101 BOWEI-SW101 Datasheet
102Kb / 1P
SPST Switches
SW401 BOWEI-SW401 Datasheet
252Kb / 1P
4-SPST Switches
SW601 BOWEI-SW601 Datasheet
346Kb / 1P
6-SPST Switches
SW801 BOWEI-SW801 Datasheet
329Kb / 1P
8-SPST Switches
logo
Analog Devices
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
LC2MOS Quad SPST Switches
REV. C
ADG601 AD-ADG601_15 Datasheet
327Kb / 12P
SPST Switches
REV. C
ADG602 AD-ADG602_15 Datasheet
327Kb / 12P
SPST Switches
REV. C
ADG621 AD-ADG621_15 Datasheet
378Kb / 12P
Dual SPST Switches
REV. B
ADG622 AD-ADG622_15 Datasheet
378Kb / 12P
Dual SPST Switches
REV. B
ADG623 AD-ADG623_15 Datasheet
378Kb / 12P
Dual SPST Switches
REV. B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com