Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # TDA
Description  Sharma Tantalum Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

TDA Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  TDA Datasheet HTML 1Page - Sharma Electro Components,Inc TDA Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Capacitance
Rated Voltage V DC
µ F
Code
6.3
10
16
20
25
35
50
0.1
104
A
A
0.15
154
A
A
0.22
224
A
A
0.33
334
A
A
0.47
474
A
A
0.68
684
A
B
1
105
A
A
A
C
1.5
155
A
A
A
A
D
2.2
225
A
A
A
A
B
E
3.3
335
A
A
A
B
B
C
F
4.7
475
A
A
B
C
C
E
G
6.8
685
A
B
C
D
D
F
H
10
106
B
C
D
E
E
F
J
15
156
C
D
E
F
F
H
K
22
226
D
E
F
H
H
K
L
33
336
E
F
F
J
J
M
47
476
F
G
J
K
M
N
68
686
G
H
L
N
N
100
107
H
K
N
N
150
157
K
N
N
220
227
M
P
330
337
P
GENERAL SPECIFICATIONS
CAPACITANCE: 0.1 µF to 330 µF.
VOLTAGE RANGE: 6.3VDC to 50VDC.
CAPACITANCE TOLERANCE: ±20%, ±10%,( 5% upon request).
TEMPERATURE RANGE: -55°C to +125°C with Derating above
85°C as per Table 4.
DISSIPATION FACTOR: 0.1 to 1.5µF
≤4%, 2.2 to 6.8µF ≤6%,
10 to 68µF
≤8%, >68µF ≤10% at 120Hz.
LEAKAGE CURRENT: Not More Than 0.01CV µ Amps or
0.5 µA which ever is greater.
FAILURE RATE: 1% per 1000 Hrs.
LIFE TEST DETAILS
Capacitors shall withstand rated DC Voltage applied
at 85˚C for 2,000 Hours. After the test:
1. Capacitance change shall not exceed ±10% of the
initial value.
2. Dissipation factor shall be within the normal
specified limits.
3. Leakage current shall be within the normal
specified limit.
4. No remarkable change in the appearance. Marking
shall remain legible.
INTRODUCTION
The TD Series, due to its good electrical characteristics, is
recommended for professional and industrial applications. The
extremely stable oxide layer of the TD solid tantalum capacitor
allows only a very low leakage current even after long storage. The
solid electrolyte provides stable electrical performance over wide
ranges and long time periods.
VR
6.3
10
16
20
25
35
50
VO
4
6.3
10
13
16
22
32
VS
5
8
13
16
20
28
40
TABLE 4
VOLTAGE DERATING (85°C - 125°C)
VR - Rated Voltage, VO - Operating
Voltage, VS - Surge Voltage
TD SERIES
FEATURES:
• HIGH TEMPERATURE RANGE OF -55 TO +125°C
• LOW LEAKAGE CURRENT AND DISSIPATION FACTOR
• COMPACT SIZE FOR SPACE SAVING DESIGN
• NO DEGRADATION EVEN AFTER PROLONGED STORAGE
• HUMIDITY, SHOCK AND VIBRATION RESISTANT
SELF INSULATING ENCAPSULATION
• DECREASING FAILURE RATE INDICATING ABSENCE OF
“WEAR-OUT” MECHANISM
Case
Dimensions in mm
DimensionsinInches
Code
D max.
H max.
D max.
H max.
A
4.5
8.5
0.177
0.335
B
4.5
9.0
0.177
0.354
C
5.0
10.0
0.197
0.394
D
5.0
10.5
0.197
0.413
E
5.5
10.5
0.217
0.413
F
6.0
11.5
0.236
0.453
G
6.5
11.5
0.256
0.453
H
7.0
12.0
0.276
0.472
J
8.0
13.0
0.315
0.512
K
8.5
14.0
0.335
0.551
L
9.0
14.0
0.354
0.551
M
9.0
14.5
0.354
0.571
N
9.0
16.0
0.354
0.630
P
10.0
17.0
0.394
0.669
R
10.0
18.5
0.394
0.728
Case Dimensions TD Series
Case Codes TD Series
Sharma Tantalum Capacitors
RoHS Compliant
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327


Similar Part No. - TDA

ManufacturerPart #DatasheetDescription
logo
C&K Components
TDA CK-COMPONENTS-TDA Datasheet
142Kb / 2P
Ultra-miniature Surface Mount Half-pitch DIP Switches
TDA CK-COMPONENTS-TDA Datasheet
242Kb / 3P
Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
List of Unclassifed Man...
TDA 1190Z ETC-TDA 1190Z Datasheet
601Kb / 8P
LINEAR INTEGRATED CIRCUIT
logo
Infineon Technologies A...
TDA 5211 INFINEON-TDA 5211 Datasheet
1Mb / 52P
ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
logo
STMicroelectronics
TDA 7851 STMICROELECTRONICS-TDA 7851 Datasheet
446Kb / 18P
4 48 W MOSFET quad bridge power amplifier
05-Feb-2016
More results

Similar Description - TDA

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SAL SHARMA-SAL Datasheet
449Kb / 2P
Tantalum Capacitors
SAJ SHARMA-SAJ Datasheet
459Kb / 3P
Tantalum Capacitors
SNPO471C006T0 SHARMA-SNPO471C006T0 Datasheet
1,014Kb / 12P
Sharma Ceramic Capacitors
MKT075 SHARMA-MKT075_1 Datasheet
315Kb / 1P
Sharma Film Capacitors
MKT100 SHARMA-MKT100_1 Datasheet
318Kb / 2P
Sharma Film Capacitors
MKTD05 SHARMA-MKTD05 Datasheet
315Kb / 4P
Sharma Film Capacitors
SCY1 SHARMA-SCY1 Datasheet
536Kb / 3P
Sharma Ceramic Capacitors
WIW1012 SHARMA-WIW1012 Datasheet
702Kb / 1P
Sharma Potentiometers
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
Sharma Electro Componen...
SMT SHARMA-SMT Datasheet
857Kb / 6P
Sharma Multilayer Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com