Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7906 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LM7906
Description  3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM7906 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LM7906 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM7906 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM7906 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM7906 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM7906 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM7906 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LM79XX
LINEAR INTEGRATED CIRCUIT
5
Contek7924 ELECTRICAL CHARACTERISTICS
(Refer to test circuits, 0<Tj<125 C,Io=500mA,Vi=-33V,Ci=2.2uF,Co=1uF,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Tj=25 C
-23
-24
-25
V
Output voltage
Vo
5.0mA<Io<1.0A,Po<15W
Vi=-27V to -38V
-22.8
-24
-25.2
V
Line regulation
DVo
Tj=25 C,Vi=-27V to -38V
15
480
mV
Tj=25 C,Vi=-30V to -36V
8
240
mV
Load regulation
DVo
Tj=25 C,Io=5.0mA to 1.5A
15
480
mV
Tj=25 C,Io=250mA to 750mA
5.0
240
mV
Quiescent current
IQ
Tj=25 C
36
mA
Quiescent current change
DIQ
Io=5mA to 1.0A
0.5
mA
Vi=-27V to -38V
1.0
mA
Output voltage drift
DVo/DT
Io=5mA
-1
mV/ C
Output noise voltage
VN
f=10hz to 100kHz,Ta=25 C
400
mV
Ripple rejection
RR
f=120Hz, Vi=-28V to -38V
54
60
dB
Dropout voltage
Vo
Io=1.0A,Tj=25 C
2V
Short circuit current
Isc
Vi=-35V,Ta=25 C
300
mA
peak current
Ipk
Tj=25 C
2.2
A
APPLICATION CIRCUITS
-Vi
-Vo
C1
2.2 mF
C0
1 mF
Contek
LM79XX
1
23
Fig.1 Fixed output regulator
Contek
LM7915
1
23
Contek
LM7815
1
2
3
2.2 mF
1 mF
0.1 mF
0.33 mF
+20V
+15V
-15V
-20V
1N4001
1N4001
Fig.2 Split power supply(+-15V,1A)
CONTEK
Contek Microelectronics Co.,Ltd.
http://www.contek-ic.com E-mail:sales@contek-ic.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com