Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5100 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5100
Description  High Voltage High Side and Low Side Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5100 Datasheet HTML 4Page - Texas Instruments LM5100 Datasheet HTML 5Page - Texas Instruments LM5100 Datasheet HTML 6Page - Texas Instruments LM5100 Datasheet HTML 7Page - Texas Instruments LM5100 Datasheet HTML 8Page - Texas Instruments LM5100 Datasheet HTML 9Page - Texas Instruments LM5100 Datasheet HTML 10Page - Texas Instruments LM5100 Datasheet HTML 11Page - Texas Instruments LM5100 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
0.100
0.200
0.300
0.400
0.500
0.600
0.700
VDD = VHB = 8V
VDD = VHB = 12V
VDD = VHB = 16V
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
0.100
0.150
0.200
0.250
0.300
0.350
0.400
VDD = VHB = 8V
VDD = VHB = 12V
VDD = VHB = 16V
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
1.00E-01
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VD (V)
T = 25°C
T = -40°C
T = 150°C
2
4
6
8
10
12
HO, LO (V)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0
SINKING
SOURCING
VDD = VHB = 12V, HS = 0V
-25 0
_
25 50
_ 75_100_125_150_
TEMPERATURE (
oC)
0.30
0.35
0.40
0.45
0.50
0.55
0.60
-50
VHBH
VDDH
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
6.30
6.40
6.50
6.60
6.70
6.80
6.90
7.00
7.10
7.20
7.30
VHBR
VDDR
NRND
LM5100, LM5101
SNVS267C – MAY 2004 – REVISED MARCH 2005
www.ti.com
Typical Performance Characteristics (continued)
Undervoltage Rising Thresholds
LM5100 Undervoltage Threshold Hysteresis
vs
vs
Temperature
Temperature
Figure 7.
Figure 8.
HO and LO Peak Output Current
vs
Bootstrap Diode Forward Voltage
Output Voltage
Figure 9.
Figure 10.
LO and HO Gate Drive—High Level Output Voltage
LO and HO Gate Drive—Low Level Output Voltage
vs
vs
Temperature
Temperature
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM5100 LM5101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com