Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5161PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5161PWPR
Description  Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5161PWPR Datasheet(HTML) 1 Page - Texas Instruments

  LM5161PWPR Datasheet HTML 1Page - Texas Instruments LM5161PWPR Datasheet HTML 2Page - Texas Instruments LM5161PWPR Datasheet HTML 3Page - Texas Instruments LM5161PWPR Datasheet HTML 4Page - Texas Instruments LM5161PWPR Datasheet HTML 5Page - Texas Instruments LM5161PWPR Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VIN
VOUT-PRI
AGND
PGND
VIN
EN/UVLO
RON
SS
SW
BST
VCC
FB
FPWM
LM5161
VOUT-SEC
VIN
VOUT
AGND
PGND
VIN
EN/UVLO
RON
SS
SW
BST
VCC
FB
FPWM
LM5161
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
LM5161
SNVSAE3 – MARCH 2016
LM5161 Wide Input 100-V, 1-A Synchronous Buck/Fly-Buck™ Converter
1
1 Features
1
•
Wide 4.5-V to 100-V Input Voltage Range
•
Integrated High and Low Side Switches
–
No Schottky Diode Required
•
1-A Maximum Load Current
•
Constant On-Time Control
–
No External Loop Compensation
–
Fast Transient Response
•
Selectable DCM Buck Operation at Light Load
•
No External Ripple circuit needed (at FPWM = 0)
•
CCM Option Supports Multi-Output Fly-Buck
•
Nearly Constant Switching Frequency
•
Frequency Adjustable up to 1 MHz
•
Programmable Soft-Start Time
•
Pre-Biased Startup
•
Peak Current Limiting Protection
•
Adjustable Input UVLO and Hysteresis
•
±1% Feedback Voltage Reference
•
Thermal Shutdown Protection
2 Applications
•
Industrial Programmable Logic Controller
•
IGBT Gate Drive Bias Supply
•
Telecom Primary/Secondary Side Bias
•
E-meter Power Line Communication
•
Low Power (<12W) Isolated DC-DC (Fly-Buck)
•
Automotive Electronics
3 Description
The LM5161 is a 100-V, 1-A synchronous step-down
converter with integrated high-side and low-side
MOSFETs. The constant-on-time control scheme
requires no loop compensation and supports high
step-down ratios with fast transient response. An
internal feedback amplifier maintains ±1% output
voltage
regulation
over
the
entire
operating
temperature range. The on-time varies inversely with
input voltage resulting in nearly constant switching
frequency. Peak and valley current limit circuits
protect against overload conditions. The under-
voltage
lockout
(EN/UVLO)
circuit
provides
independently
adjustable
input
under-voltage
threshold
and
hysteresis.
The
LM5161
is
programmed through the FPWM pin to operate in
continuous conduction mode (CCM) from no load to
full load or to automatically switch to discontinuous
conduction mode (DCM) at light load for higher
efficiency. The forced CCM option in the FPWM pin
supports the multiple output and isolated Fly-Buck
applications using a coupled inductor. In addition, the
LM5161 can also be programmed through the FPWM
pin to regulate over load without any additional
external ripple injection circuit.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM5161
HTSSOP (14)
4.4 mm × 5.0 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Sync-Buck Application Circuit
Typical Fly-Buck Application Circuit


Similar Part No. - LM5161PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5161 TI1-LM5161 Datasheet
2Mb / 37P
Wide Input 100-V, 1-A Synchronous Buck/Fly-Buck Converter
LM5161-Q1 TI1-LM5161-Q1 Datasheet
2Mb / 37P
Wide Input 100-V, 1-A Synchronous Buck/Fly-Buck Converter
LM5161QPWPQ1 TI1-LM5161QPWPQ1 Datasheet
2Mb / 37P
Wide Input 100-V, 1-A Synchronous Buck/Fly-Buck Converter
LM5161QPWPRQ1 TI1-LM5161QPWPRQ1 Datasheet
2Mb / 37P
Wide Input 100-V, 1-A Synchronous Buck/Fly-Buck Converter
LM5161QPWPTQ1 TI1-LM5161QPWPTQ1 Datasheet
2Mb / 37P
Wide Input 100-V, 1-A Synchronous Buck/Fly-Buck Converter
More results

Similar Description - LM5161PWPR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3102 ONSEMI-NCP3102 Datasheet
1Mb / 18P
Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. 2
NCP3101 ONSEMI-NCP3101 Datasheet
595Kb / 18P
Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. P0
NCP3101CMNTXG ONSEMI-NCP3101CMNTXG Datasheet
280Kb / 26P
Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3102C ONSEMI-NCP3102C Datasheet
487Kb / 26P
Wide Input Voltage Synchronous Buck Converter
February, 2011 -- Rev. 0
NCP3101BMNTXG ONSEMI-NCP3101BMNTXG Datasheet
291Kb / 26P
Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
logo
Texas Instruments
LM5160A TI-LM5160A_15 Datasheet
1Mb / 34P
LM5160A, LM5160 Wide Input 65-V, 1.5-A Synchronous Buck / Fly-Buck??Converter
LM5160-Q1 TI-LM5160-Q1_15 Datasheet
1Mb / 33P
LM5160-Q1 Wide Input 65-V, 1.5-A Synchronous Buck / Fly-Buck??Converter
LM5160A TI1-LM5160A Datasheet
1Mb / 28P
Wide Input 65V 2A Synchronous Buck / Fly-Buck Converter
LM5160-Q1 TI1-LM5160-Q1 Datasheet
1Mb / 33P
Wide Input 65V 1.5A Synchronous Buck / Fly-Buck Converter
LM5161-Q1 TI1-LM5161-Q1 Datasheet
2Mb / 37P
Wide Input 100-V, 1-A Synchronous Buck/Fly-Buck Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com