Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS1000ADE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AS1000ADE4
Description  QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS1000ADE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS1000ADE4 Datasheet HTML 1Page - Texas Instruments SN74AS1000ADE4 Datasheet HTML 2Page - Texas Instruments SN74AS1000ADE4 Datasheet HTML 3Page - Texas Instruments SN74AS1000ADE4 Datasheet HTML 4Page - Texas Instruments SN74AS1000ADE4 Datasheet HTML 5Page - Texas Instruments SN74AS1000ADE4 Datasheet HTML 6Page - Texas Instruments SN74AS1000ADE4 Datasheet HTML 7Page - Texas Instruments SN74AS1000ADE4 Datasheet HTML 8Page - Texas Instruments SN74AS1000ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54AS1000A, SN74AS1000A
QUADRUPLE 2INPUT POSITIVENAND BUFFERS/DRIVERS
SDAS056B − APRIL 1984 − REVISED JANUARY 1995
Copyright
1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
• Driver Version of ′AS00
• High Capacitive-Drive Capability
• Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These devices contain four independent 2-input
positive-NAND buffers/drivers. They perform the
Boolean functions Y = A
• B or Y = A + B in positive
logic.
The SN54AS1000A is characterized for operation
over the full military temperature range of − 55
°C
to 125
°C. The SN74AS1000A is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
H
L
L
XH
X
L
H
logic symbol†
logic diagram (positive logic)
1
1A
2
1B
4
2A
5
2B
9
3A
10
3B
12
4A
13
4B
&
1Y
3
2Y
6
3Y
8
4Y
11
1Y
3
1
1A
2
1B
2Y
6
4
2A
5
2B
3Y
8
9
3A
10
3B
4Y
11
12
4A
13
4B
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
SN54AS1000A ...J PACKAGE
SN74AS1000A ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54AS1000A . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74AS1000ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS1000AD TI-SN74AS1000AD Datasheet
56Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN74AS1000AD TI-SN74AS1000AD Datasheet
80Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
More results

Similar Description - SN74AS1000ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5437 TI-SN5437 Datasheet
249Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
SN54ALS1000A TI-SN54ALS1000A Datasheet
56Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN54ALS37A TI-SN54ALS37A Datasheet
80Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
SN54AS1000A TI-SN54AS1000A Datasheet
80Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
logo
Hitachi Semiconductor
HD74LS37 HITACHI-HD74LS37 Datasheet
45Kb / 5P
Quadruple 2-input Positive NAND Buffers
logo
Texas Instruments
SN54F37 TI-SN54F37 Datasheet
145Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
logo
Renesas Technology Corp
HD74LS37 RENESAS-HD74LS37 Datasheet
57Kb / 5P
Quadruple 2-input Positive NAND Buffers
logo
Texas Instruments
SN74LS37NSR TI1-SN74LS37NSR Datasheet
971Kb / 19P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
SN74AS1032ADR TI1-SN74AS1032ADR Datasheet
432Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-OR BUFFERS/DRIVERS
SN54F38 TI1-SN54F38_08 Datasheet
84Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com