Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7628KS Datasheet(PDF) 7 Page - Exar Corporation

Part # MP7628KS
Description  5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7628KS Datasheet(HTML) 7 Page - Exar Corporation

Back Button MP7628KS Datasheet HTML 3Page - Exar Corporation MP7628KS Datasheet HTML 4Page - Exar Corporation MP7628KS Datasheet HTML 5Page - Exar Corporation MP7628KS Datasheet HTML 6Page - Exar Corporation MP7628KS Datasheet HTML 7Page - Exar Corporation MP7628KS Datasheet HTML 8Page - Exar Corporation MP7628KS Datasheet HTML 9Page - Exar Corporation MP7628KS Datasheet HTML 10Page - Exar Corporation MP7628KS Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MP7628
7
Rev. 2.00
INTERFACE LOGIC INFORMATION
DAC Selection: All DAC latches share a common 8-bit input
port. The control inputs DS1, DS2, A/B select which DAC can
accept data from the input port.
Mode Selection: Inputs DS and R/W control the operating
mode of the selected DAC.
See Mode Selection Table on the
previous page.
Write Mode: When DS and R/W are both low the selected
DAC is in the write mode. The input data latches of the selected
DAC are transparent and its analog output responds to activity
on DB0-DB7.
Hold Mode: The selected DAC latch retains the data which
was present on DB0-DB7 just prior to DS and R/W assuming a
high state. Both analog outputs remain at the values corre-
sponding to the data in their respective latches.
Read Mode: When DS is low and R/W is high, the selected
DAC is in the read mode and the data held in the appropriate
latch is outputed to the data bus.
APPLICATION NOTES
Refer to Section 8 for Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com