Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR28V384 Datasheet(PDF) 21 Page - Exar Corporation

Part # XR28V384
Description  3.3V QUAD LPC UART WITH 128-BYTE FIFO
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR28V384 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XR28V384 Datasheet HTML 17Page - Exar Corporation XR28V384 Datasheet HTML 18Page - Exar Corporation XR28V384 Datasheet HTML 19Page - Exar Corporation XR28V384 Datasheet HTML 20Page - Exar Corporation XR28V384 Datasheet HTML 21Page - Exar Corporation XR28V384 Datasheet HTML 22Page - Exar Corporation XR28V384 Datasheet HTML 23Page - Exar Corporation XR28V384 Datasheet HTML 24Page - Exar Corporation XR28V384 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
XR28V384
21
REV. 1.0.0
3.3V QUAD LPC UART WITH 128-BYTE FIFO
2.1.1
Global Control Registers
2.1.1.1
Software Reset Register
Software Reset resets the Device Configuration registers to their factory defaults. Strapping pins from
Table 1
are not sampled during a software reset.
Bit [0]: Software reset
Logic 0 = Disable software reset (default).
Logic 1 = Enable software reset. After the software reset, this bit will turn to ’0’ automatically.
Bits [7:1]: Reserved
2.1.1.2
Logic Device Number Register - Read/Write
This register selects device configuration register set among the 4 channel UARTs and the watchdog timer.
Bits [7:0]: Select different device configuration register set.
0x00 = Select UART A device configuration register (default).
0x01 = Select UART B device configuration register.
0x02 = Select UART C device configuration register.
0x03 = Select UART D device configuration register.
0x08 = Select Watchdog Timer device configuration register.
2.1.1.3
Device ID MSB/LSB Register - Read only
DEV_ID_M (0x20): This register provides upper byte device ID for XR28V384. The default value is 0x03.
DEV_ID_L (0x21): This register provides lower byte device ID for XR28V384. The default value is 0x84.
2.1.1.4
Vendor ID MSB/LSB Register - Read only
VID_M (0x23): This register value provides upper byte of Exar’s Vendor ID. The default value is 0x13.
VID_L (0x24): This register value provides lower byte of Exar’s Vendor ID. The default value is 0xA8.
2.1.1.5
Clock Select Register - Read/Write
This register selects the clock frequency.
Bit [0]: Clock select
Logic 0 = The CLKIN is 24 MHz (default).
Logic 1 = The CLKIN is 48 MHz.
Bits [7:1]: Reserved
2.1.1.6
Watchdog Timer Control Register - Read/Write
This register controls the watchdog timer.
Bit [0]: Assert a low pulse from WDTOUT# pin
Logic 0 = Watchdog timer (WDT) will assert a low pulse from WDTOUT# pin (default).
Logic 1 = Watchdog timer (WDT) will not assert a low pulse from WDTOUT# pin, but the timeout status will
be set.
Bit [1]: Restart timer
Logic 0 = Read watchdog timer (WDT) will restart the timer (default).
Logic 1 = Read watchdog timer (WDT) will not restart the timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com