Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDEIR10D50MENP-R22MC Datasheet(PDF) 5 Page - Sumida Corporation

Part # CDEIR10D50MENP-R22MC
Description  SMD Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEIR10D50MENP-R22MC Datasheet(HTML) 5 Page - Sumida Corporation

  CDEIR10D50MENP-R22MC Datasheet HTML 1Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 2Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 3Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 4Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 5Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 6Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 7Page - Sumida Corporation CDEIR10D50MENP-R22MC Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SMD Power Inductor
CDEIR10D50ME
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 1 of 4
Ver. 1.0 (2015.09)
www.sumida.com
Description
 メタルアロイ(鉄系)コア
 閉磁構造
 L×W×H: 11.5×10.7×5.2mm Max.
 製品重量 : 2.7 g (Ref.)
 湿度感度レベル: 1
Applications
 ノート PC, PDA, 他大電流品
Environmental Data
 動作温度範囲: -40℃~+125℃ (コイル自己発熱を含む)
 保存温度範囲: -40℃~+125℃
Packaging
 キャリアテープ、リール梱包
 リール直径 13.0”
 1 リール 500 個
外形寸法図 - [mm]
推奨ランド図・
結線図- [mm]
11.0±0.5
5.2 Max.
6.0
2.2
13
5
S
F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com