Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH2D14NP-R21NC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH2D14NP-R21NC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH2D14NP-R21NC Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH2D14NP-R21NC Datasheet HTML 1Page - Sumida Corporation CDRH2D14NP-R21NC Datasheet HTML 2Page - Sumida Corporation CDRH2D14NP-R21NC Datasheet HTML 3Page - Sumida Corporation CDRH2D14NP-R21NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH2D14
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0.0 0.5 1.0 1.5 2.0 2.5 3.0
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0 0.5 1.0 1.5 2.0 2.5 3.0
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0 0.6 1.2 1.8 2.4 3.0 3.6
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
1
2
3
4
5
0
10
20
30
40
50
60
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0.0
0.3
0.6
0.9
1.2
1.5
0
10
20
30
40
50
60
0.0
0.8
1.6
2.4
3.2
4.0
4.8
0.0 0.3 0.6 0.9 1.2 1.5
0
10
20
30
40
50
60
0.0
0.8
1.6
2.4
3.2
4.0
4.8
0.0 0.3 0.6 0.9 1.2 1.5
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.4
0.8
1.2
1.6
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0 0.3 0.6 0.9 1.2 1.5 1.8
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0.0 0.4 0.8 1.2 1.6 2.0
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0.0 0.5 1.0 1.5 2.0 2.5
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDRH2D14NP-R21NC
△T (℃)
L (
μH)
2. CDRH2D14NP-R36NC
△T (℃)
L (
μH)
3. CDRH2D14NP-R60NC
L (
μH)
DC (A)
5. CDRH2D14NP-1R2NC
△T (℃)
L (
μH)
6. CDRH2D14NP-1R5NC
DC (A)
7. CDRH2D14NP-1R8NC
△T (℃)
L (
μH)
8. CDRH2D14NP-2R2NC
△T (℃)
L (
μH)
DC (A)
9. CDRH2D14NP-2R7NC
DC (A)
4. CDRH2D14NP-R82NC
△T (℃)
DC (A)
DC (A)
10. CDRH2D14NP-3R3NC
△T (℃)
L (
μH)
DC (A)
11. CDRH2D14NP-3R9NC
△T (℃)
L (
μH)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (20
℃)
△T
L (100
℃)
12. CDRH2D14NP-4R7NC
△T (℃)
L (
μH)
DC (A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com