Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62040 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62040
Description  1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62040 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62040 Datasheet HTML 1Page - Texas Instruments TPS62040 Datasheet HTML 2Page - Texas Instruments TPS62040 Datasheet HTML 3Page - Texas Instruments TPS62040 Datasheet HTML 4Page - Texas Instruments TPS62040 Datasheet HTML 5Page - Texas Instruments TPS62040 Datasheet HTML 6Page - Texas Instruments TPS62040 Datasheet HTML 7Page - Texas Instruments TPS62040 Datasheet HTML 8Page - Texas Instruments TPS62040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TPS62040
TPS62042,TPS62043
TPS62044,TPS62046
SLVS463A − JUNE 2003 − REVISED OCTOBER 2003
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
VOLTAGE OPTIONS
PACKAGE
PACKAGE MARKING
TA
VOLTAGE OPTIONS
MSOP(1)
QFN(2)
MSOP
QFN
Adjustable
TPS62040DGQ
TPS62040DRC
BBI
BBO
1.5 V
TPS62042DGQ
TPS62042DRC
BBL
BBS
−40
°C to 85°C
1.6 V
TPS62043DGQ
TPS62043DRC
BBM
BBT
−40 C to 85 C
1.8 V
TPS62044DGQ
TPS62044DRC
BBN
BBU
3.3 V
TPS62046DGQ
TPS62046DRC
BBQ
BBW
(1) The DGQ package is available in tape and reel. Add R suffix (DGQR) to order quantities of 2500 parts per reel.
(2) The DRC package is available in tape and reel. Add R suffix (DRCR) to order quantities of 3000 parts per reel.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNITS
Supply voltage VIN (2)
−0.3 V to 7 V
Voltages on EN, MODE, FB, SW(2)
−0.3 V to VCC +0.3 V
Continuous power dissipation
See Dissipation Rating Table
Operating junction temperature range
−40
°C to 150°C
Storage temperature range
−65
°C to 150°C
Lead temperature (soldering, 10 sec)
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network ground terminal.
PACKAGE DISSIPATION RATINGS
PACKAGE
RQJA(1)
TA ≤ 25°C
POWER RATING
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
MSOP
60
°C/W
1.67 W
917 mW
667 mW
QFN
48.7
°C/W
2.05 W
1.13 W
821 mW
(1) The thermal resistance, RΘJA is based on a soldered PowerPAD using thermal vias.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VI
Supply voltage
2.5
6.0
V
VO
Output voltage range for adjustable output voltage version
0.7
VI
V
IO
Output current
1.2
A
L
Inductor(1)
6.2
µH
CI
Input capacitor(1)
22
µF
CO
Output capacitor(1)
22
µF
TA
Operating ambient temperature
−40
85
°C
TJ
Operating junction temperature
−40
125
°C
(1) Refer to application section for further information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com