Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS14C238 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C238
Description  Single Supply TIA/EIA-232 4 x 4 Driver/Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C238 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS14C238 Datasheet HTML 1Page - National Semiconductor (TI) DS14C238 Datasheet HTML 2Page - National Semiconductor (TI) DS14C238 Datasheet HTML 3Page - National Semiconductor (TI) DS14C238 Datasheet HTML 4Page - National Semiconductor (TI) DS14C238 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DS14C238
Single Supply TIA/EIA-2324x4 Driver/Receiver
General Description
The DS14C238 is a four driver, four receiver device which
conforms to the TIA/EIA-232-E standard and CCITT V.28
recommendations. This device eliminates ±12V supplies by
employing an internal DC-DC converter to generate the nec-
essary output levels from a single +5V supply. Driver slew
rate control and receiver noise filtering have also been inter-
nalized to eliminate the need for external slew rate control
and noise filtering capacitors.
Features
n Conforms to TIA/EIA-232-E and CCITT V.28
n Internal DC-DC converter
n Operates with single +5V supply
n Low power requirement — ICC 10 mA max
n Internal driver slew rate control
n Receiver noise filtering
n Operates above 120 kbits/sec
n Direct replacement for MAX238
Connection Diagram
Functional Diagram
DS011282-1
Order Number DS14C238WM
See NS Package Number M24B
DS011282-2
May 1999
© 1999 National Semiconductor Corporation
DS011282
www.national.com


Similar Part No. - DS14C238

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C238 NSC-DS14C238 Datasheet
102Kb / 5P
Single Supply TIA/EIA-232 4X4 Driver/Receiver
logo
Texas Instruments
DS14C238 TI1-DS14C238 Datasheet
733Kb / 13P
Single Supply TIA/EIA-232 4 x 4 Driver/Receiver
logo
National Semiconductor ...
DS14C238WM NSC-DS14C238WM Datasheet
102Kb / 5P
Single Supply TIA/EIA-232 4X4 Driver/Receiver
DS14C238WMX NSC-DS14C238WMX Datasheet
102Kb / 5P
Single Supply TIA/EIA-232 4X4 Driver/Receiver
logo
Texas Instruments
DS14C238WMX/NOPB TI1-DS14C238WMX/NOPB Datasheet
733Kb / 13P
Single Supply TIA/EIA-232 4 x 4 Driver/Receiver
More results

Similar Description - DS14C238

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
EIA/TIA-232 3 Driver x 5 Receiver
DS14C241 NSC-DS14C241 Datasheet
158Kb / 8P
Single Supply TIA/EIA-232 4 x 5 Driver/Receiver
DS14C335 NSC-DS14C335 Datasheet
179Kb / 9P
3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
DSV14196 NSC-DSV14196 Datasheet
153Kb / 9P
3.3V Supply EIA/TIA-232 5 Driver x 3 Receiver
DS14C239 NSC-DS14C239 Datasheet
120Kb / 8P
Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C238 NSC-DS14C238_02 Datasheet
102Kb / 5P
Single Supply TIA/EIA-232 4X4 Driver/Receiver
logo
Texas Instruments
DS14C238 TI1-DS14C238_15 Datasheet
733Kb / 13P
Single Supply TIA/EIA-232 4 x 4 Driver/Receiver
DS14C335 TI1-DS14C335_15 Datasheet
897Kb / 16P
3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com