Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF6901 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TRF6901
Description  SINGLE-CHIP RF TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF6901 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TRF6901 Datasheet HTML 9Page - Texas Instruments TRF6901 Datasheet HTML 10Page - Texas Instruments TRF6901 Datasheet HTML 11Page - Texas Instruments TRF6901 Datasheet HTML 12Page - Texas Instruments TRF6901 Datasheet HTML 13Page - Texas Instruments TRF6901 Datasheet HTML 14Page - Texas Instruments TRF6901 Datasheet HTML 15Page - Texas Instruments TRF6901 Datasheet HTML 16Page - Texas Instruments TRF6901 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
TRF6901
SINGLECHIP RF TRANSCEIVER
SLWS110G − SEPTEMBER 2001 − REVISED JUNE 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
PLL
The phase-locked loop is the radio frequency synthesizer for the TRF6901. It is used to generate the transmit
signal and as the local oscillator for the receive mixer. The signal (FX) from a reference crystal oscillator (XO)
is divided by an integer factor R down to FR. The minimum frequency resolution, and thus, the minimum channel
spacing, is FR.
FR = FX ÷ R, where 1 ≤ R ≤ 256
The phase-locked loop is an integer-N design. The voltage-controlled oscillator (VCO) signal is divided by an
integer factor N to get a frequency at the phase detector input.
FPD = FVCO ÷ N, where FVCO = FOUT
The phase detector compares the divided VCO signal to the divided crystal frequency and implements an error
signal from two charge pumps. The error signal corrects the VCO output to the desired frequency.
With FR = FPD under locked conditions, FOUT =
F
X
N
R
= (A + 32B) FR.
As is in any integer-N PLLs, the VCO output has spurs at integer multiples of the reference frequency (nFR).
In applications requiring contiguous frequency channels, the reference frequency is often chosen to be equal
to the channel spacing, thus, channel spacing = FR = FX ÷ R.
oscillator circuit and reference divider
The reference divider reduces the frequency of the external crystal (FX) by an 8-bit programmable integer divisor
to an internal reference frequency (FR) used for the phase-locked loop. The choice of internal reference
frequency also has implications for lock time, maximum data rate, noise floor, and loop-filter design. The crystal
frequency can be tuned using the D word to control internal trimming capacitors, which are placed in parallel
with the crystal. These offset a small frequency error in the crystal. In an FSK application, an additional capacitor
is placed in parallel (through terminal 31) with the external capacitor that is connected in series with the crystal,
thus, changing the load capacitance as the transmit data switch (TX_DATA, terminal 32) is toggled. The change
in load capacitance pulls the crystal off-frequency by the total frequency deviation.
Hence, the 2-FSK frequency set by the level of TX_DATA and the external capacitor, can be represented as
follows:
ƒ
out1 + TX_DATA Low
ƒ
out2 + TX_DATA High
Note that the frequencies
ƒout1 and ƒout2 are centered about the frequency ƒcenter = (ƒout1 + ƒout2)/2. When
transmitting FSK,
ƒcenter is considered to be the effective carrier frequency and any receiver local oscillator (LO)
should be set to the same
ƒcenter frequency ± the receiver’s IF frequency (ƒIF) for proper reception and
demodulation.
For the case of high-side injection, the receiver LO would be set to
ƒLO = ƒcenter + ƒIF. Using high-side injection,
the received data at terminal 33, RX_DATA, would be inverted from the transmitted data applied at terminal 32,
TX_DATA. Conversely, for low-side injection, the receiver LO would be set to
ƒLO = ƒcenter − ƒIF. Using low-side
injection, the received data would be the same as the transmitted data.
In addition, when the TRF6901 is placed in receive mode, it is recommended that the TX_DATA terminal be kept
low. In this manner, the actual LO frequency injected into the mixer is
ƒout1 = ƒLO. If TX_DATA is set high, the
the receiver LO would be offset, resulting in poor receiver sensitivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com