Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB5052PZ Datasheet(PDF) 50 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 50 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 46Page - Texas Instruments TUSB5052PZ Datasheet HTML 47Page - Texas Instruments TUSB5052PZ Datasheet HTML 48Page - Texas Instruments TUSB5052PZ Datasheet HTML 49Page - Texas Instruments TUSB5052PZ Datasheet HTML 50Page - Texas Instruments TUSB5052PZ Datasheet HTML 51Page - Texas Instruments TUSB5052PZ Datasheet HTML 52Page - Texas Instruments TUSB5052PZ Datasheet HTML 53Page - Texas Instruments TUSB5052PZ Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
7−2
7.1.3
LCR[2:1]: Line Control Registers (2 Registers)
These registers control the data communication format. The word length, number of stop bits, and parity type are
selected by writing the appropriate bits to the LCR.
FEN
BRK
FPTY
EPRTY
PRTY
STP
WL1
WL0
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
1−0
WL[1:0]
0
Specifies the word length for transmit and receive.
00b = 5 bits
01b = 6 bits
10b = 7 bits
11b = 8 bits
2
STP
0
Specifies the number of stop bits for transmit and receive.
STP = 0 1 stop bit (word length = 5, 6, 7, 8)
STP = 1 1.5 stop bits (word length = 5)
STP = 1 2 stop bits (word length = 6, 7, 8)
3
PRTY
0
Specifies whether parity is used.
PRTY = 0 No parity
PRTY = 1 Parity is generated.
4
EPRTY
0
Specifies whether even or odd parity is generated.
EPRTY = 0 Odd parity is generated (if PRTY = 1).
EPRTY = 1 Even parity is generated (if PRTY = 1).
5
FPTY
0
Selects the forced parity bit
FPTY = 0 Parity is not forced.
FPTY = 1 Parity bit is forced. If EPRTY = 0, the parity bit is forced to 1.
6
BRK
0
This bit is the break-control bit.
BRK = 0 Normal operation
BRK = 1 Forces SOUT into break condition (logic 0)
7
FEN
0
FIFO enable. This bit is used to disable/enable the FIFO. To reset the FIFO, the MCU clears and then sets this bit.
7
FEN
0
FEN = 0
The FIFO is cleared and disabled. When disabled the selected receiver flow control is activated.
FEN = 1
The FIFO is enabled and it can receive data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com