Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS14C241 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C241
Description  Single Supply TIA/EIA-232 4 x 5 Driver/Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C241 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS14C241 Datasheet HTML 1Page - National Semiconductor (TI) DS14C241 Datasheet HTML 2Page - National Semiconductor (TI) DS14C241 Datasheet HTML 3Page - National Semiconductor (TI) DS14C241 Datasheet HTML 4Page - National Semiconductor (TI) DS14C241 Datasheet HTML 5Page - National Semiconductor (TI) DS14C241 Datasheet HTML 6Page - National Semiconductor (TI) DS14C241 Datasheet HTML 7Page - National Semiconductor (TI) DS14C241 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS14C241
Single Supply TIA/EIA-2324x5 Driver/Receiver
General Description
The DS14C241 is four driver, five receiver device which con-
forms to the TIA/EIA-232-E standard and CCITT V.28 recom-
mendations. This device eliminates ±12V supplies by em-
ploying an internal DC–DC converter to generate the
necessary output levels from a single +5V supply. Driver
slew rate control and receiver noise filtering have also been
internalized to eliminate the need for external slew rate con-
trol and noise filtering capacitors. With the addition of TRI-
STATE®receiver outputs and a shutdown mode, device
power consumption is kept to a minimum.
Features
n Conforms to TIA/EIA-232-E and CCITT V.28
n Internal DC–DC converter
n Operates with single +5V supply
n Low power requirement — ICC 10 mA max
n Shutdown mode — ICX 10 µA max
n Internal driver slew rate control
n Receiver noise filtering
n Operates above 120 kbits/sec
n TRI-STATE receiver outputs
n Direct replacement for MAX241
Connection Diagram
Functional Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS011281-1
Order Number DS14C241WM
See NS Package Number M28B
DS011281-2
May 1998
© 1998 National Semiconductor Corporation
DS011281
www.national.com


Similar Part No. - DS14C241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C202 NSC-DS14C202 Datasheet
140Kb / 8P
Low Power 5V Powered EIA/TIA-232 Dual Driver/Receiver
DS14C232 NSC-DS14C232 Datasheet
232Kb / 12P
Low Power 5V Powered TIA/EIA-232 Dual
logo
Texas Instruments
DS14C232 TI1-DS14C232 Datasheet
917Kb / 18P
DS14C232 Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
DS14C232 TI1-DS14C232 Datasheet
938Kb / 18P
Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
logo
Rochester Electronics
DS14C232B ROCHESTER-DS14C232B Datasheet
630Kb / 1P
LOW POWER LINE TRANSCEIVER ideal for battery conscious applications
More results

Similar Description - DS14C241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
EIA/TIA-232 5 Driver x 3 Receiver
DS14C238 NSC-DS14C238 Datasheet
85Kb / 5P
Single Supply TIA/EIA-232 4 x 4 Driver/Receiver
DS14C335 NSC-DS14C335 Datasheet
179Kb / 9P
3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
DSV14196 NSC-DSV14196 Datasheet
153Kb / 9P
3.3V Supply EIA/TIA-232 5 Driver x 3 Receiver
DS14C239 NSC-DS14C239 Datasheet
120Kb / 8P
Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C238 TI1-DS14C238_15 Datasheet
733Kb / 13P
Single Supply TIA/EIA-232 4 x 4 Driver/Receiver
DS14C335 TI1-DS14C335_15 Datasheet
897Kb / 16P
3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com