Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC488HR/2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DAC488HR/2
Description  16-bit D/A Converter with Digital I/O & IEEE 488
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DAC488HR/2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DAC488HR/2 Datasheet HTML 1Page - List of Unclassifed Manufacturers DAC488HR/2 Datasheet HTML 2Page - List of Unclassifed Manufacturers DAC488HR/2 Datasheet HTML 3Page - List of Unclassifed Manufacturers DAC488HR/2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
251
QUICK
FIND
the smart approach to instrumentation™
®
tel: 440-439-4091
fax: 440-439-4093
sales@iotech.com
www.iotech.com
DAC488HR
™
Specifications & Ordering Information
Specifications
Analog Output
Number of Channels: 2 or 4
DC Output Voltage/Resolution
1V Range:
±1V, 30.5 µV/bit
2V Range:
±2V, 61 µV/bit
5V Range:
±5V, 152 µV/bit
10V Range:
±10V, 305 µV/bit
DC Output Current:
±10 mA max
Accuracy (25
±5˚C)
1V Range:
±0.02% ±50 µV
2V Range:
±0.02% ±100 µV
5V Range:
±0.02% ±250 µV
10V Range:
±0.02% ±500 µV
Polarity: Unipolar or bipolar (software selectable)
Output Impedance: 10 Ohm
Zero Offset: 50 to 500
µV
Linearity: 0.005%
Differential Linearity: 0.001%
Update Rate: 100 Ksamples/s (max per channel); all signals from the data buffer
are 100 Ksamples/s max; any single channel from the IEEE 488 bus to output
is 100 Ksamples/s max; any two channels from the IEEE 488 bus to output are
50 Ksamples/s max; any two channels from the IEEE 488 bus to multiple
DAC488HR’s are 20 Ksample/s
Settling Time: 6
µs to 0.003% FSR
Temperature Coefficient: (
±0.002% ±100 µV)/˚C; 0˚ to 20˚C, 20˚ to 30˚C, and 30˚
to 50˚C
Channel-to-Channel Isolation: 500V max
Channel-to-Digital Common and Chassis Isolation: 500V max
Connectors: DB9 (female) per channel; mating connector supplied
Digital I/O
Digital Inputs: 8 TTL level compatible, external TTL trigger, external TTL clock
input
Digital Outputs: 8 TTL level compatible, also configurable as open collector with
100 mA drive, and delayed trigger output signal, update clock output.
Connectors:
DB15 (female) per input and output port; mating connector
supplied
IEEE 488 Specifications
Interface Subsets: SH1, AH1, T6, TE6, L4, LE4, SR1, PP0, RL0, DC1, DT2, C0,
and E2
Connector: Standard IEEE 488 connector with metric studs
Data Storage and Output
Data Buffer: 8 Ksamples standard (per channel); 128 Ksample option or 480 Ksample
option (per channel)
Data Format: ASCII, integer decimal, hexadecimal, and binary
Output Modes: Direct, step, burst, waveform, and continuous
Trigger Sources: GET, periodic time interval, external (TTL level), and command
Trigger Latency: Daisy chain mode; 60 ns (additive per unit) Parallel mode;
60 ns (non-additive system maximum)
General
Power: 90 to 125 or 210 to 250 VAC, 50/60 Hz; 20 VA max
Environment: 0˚ to 50˚C; 0 to 95% RH, non-condensing
Controls: Power switch, external dip switch for IEEE address
Dimensions: 425 mm W x 305 mm D x 45 mm H (16.75” x 12” x 1.75”)
Weight: 3.6 kg (7.9 lbs)
Supplied Accessories: Analog output connector, digital I/O port connector
Ordering Information
Description
Part No.
Isolated 2-channel converter with 8 Ksample memory
per channel; includes analog output connector;
digital I/O port connector; and rack-mount kit
DAC488HR/2
Isolated 4-channel converter with 8 Ksample memory
per channel; includes analog output connector;
digital I/O port connector; and rack-mount kit
DAC488HR/4
128 Ksample memory expansion for one channel
MEMX3*
480 Ksample memory expansion for one channel
MEMX4*
Shielded cable with male DB9 connector
for analog output, 6 ft.
CA-89
Shielded cable with male DB15 connector
for digital I/O, 6 ft.
CA-90
DAC488HR master/slave cable, 3 ft.
CA-112
Shielded IEEE 488 cable, 6 ft.
CA-7-3
LabVIEW® driver
LBV/DAI
Related Products
Hardware
ADC488/16A
p. 243
ADC488/8SA
p. 246
DAC488
p. 252
Personal488 series
p. 263
Serial Communication Boards
p. 297
* Memory expansion modules are ordered on a per channel basis. They must be
installed and calibrated at the factory. Contact factory for details.
CA-89, Shielded cable with male
DB9 connectors for DAC488HR
analog output, 6 ft.
CA-90, Ribbon cable with male
DB15 connector for DAC488HR
digital I/O, 6 ft.
QUICK
FIND
For up-to-date information on products, and to order online, visit the IOtech Web
site and enter the corresponding page number in the QUICK FIND field.
SHOP
ON
LINE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com