Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC488HR/4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DAC488HR/4
Description  16-bit D/A Converter with Digital I/O & IEEE 488
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DAC488HR/4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DAC488HR/4 Datasheet HTML 1Page - List of Unclassifed Manufacturers DAC488HR/4 Datasheet HTML 2Page - List of Unclassifed Manufacturers DAC488HR/4 Datasheet HTML 3Page - List of Unclassifed Manufacturers DAC488HR/4 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QUICK
FIND
tel: 440-439-4091
fax: 440-439-4093
248
sales@iotech.com
www.iotech.com
the smart approach to instrumentation™
®
Features
• Two or four isolated 16-bit outputs
• 100-kHz/channel update rate
• 480 Ksamples/channel max buffer
•
±1, ±2, ±5, & ±10 VFS programmable
unipolar & bi-polar output ranges
• One-shot, step, burst, waveform, &
continuous output modes
• GET, external TTL, IEEE command,
& time event trigger sources
• ASCII, binary, integer decimal, & hexa-
decimal data formats
• Standard sine, square, & triangle
waveform generation
• 500 VDC channel-to-channel isolation
• Eight digital inputs & eight digital
outputs
• 100 mA high-current outputs
• LabVIEW® drivers
The DAC488HR™ is an IEEE 488 program-
mable 16-bit D/A converter. It can be
configured with either two or four output
channels, which are optically isolated from
each other and from IEEE 488 common
by up to 500 VDC. Each channel is inde-
pendently programmable for 1, 2, 5, or 10
VFS unipolar or bipolar output, specified
as either bits or volts in ASCII, integer,
hexadecimal, or binary format. Multiple
output modes, multiple clock and trigger
sources, and buffer management enable
the DAC488HR to function as a precision
voltage source, a function generator, or
an arbitrary waveform generator.
Waveforms captured by IOtech’s 16-bit,
100-kHz ADC488A series (see p. 243) digi-
tizers can be edited and transferred to the
DAC488HR for output. The ADC488A™
series and DAC488HR in combination
form a powerful waveform I/O system.
Typical applications include transducer
simulation, disk drive testing, vibration
analysis, and materials testing.
DAC488HR
™
16-bit D/A Converter with Digital I/O & IEEE 488
Burst Mode. Functionally identical to step
mode, except that waveforms rather than
single values are output.
Waveform Mode. Based on recognition
of a trigger, the waveform buffer is output
for a specified number of cycles.
Continuous Mode. Data is continuously
input from the IEEE 488 bus and output to
an analog channel at rates up to 200 Kbytes/s
upon the detection of a specified trigger.
This mode is ideally suited for audio, speech,
and other applications that require long
duration waveforms.
Trigger Modes
The DAC488HR’s five trigger modes sup-
port a wide variety of applications.
Bus Control Mode. Each port is programmed
to output a specified value under direct
control from the IEEE 488 bus. This mode is
useful for maintaining an initial value until
a specified condition occurs.
Step Mode. When a specified trigger is
detected, a value is output from the
buffer, and the DAC488HR is automati-
cally re-armed until the specified buffer
count is reached. The last specified buffer
value is held as the output.
+ -
+ -
+ -
+ -
IEEE
Filter488
DAC488HR/2
SCSI488/S
DAC488HR
IEEE 488
controller
Up to 13 IEEE 488 devices
2- or 4-channel 16-bit,
isolated 100-kHz
analog outputs
8 digital
outputs
8 digital
inputs
DAC488HR
CH1 CH2 CH3 CH4
The versatile DAC488HR functions as a voltage source, function generator, and an arbitrary
waveform generator


Similar Part No. - DAC488HR/4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4813AP BURR-BROWN-DAC4813AP Datasheet
213Kb / 8P
QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4813JP BURR-BROWN-DAC4813JP Datasheet
213Kb / 8P
QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC4814AP BURR-BROWN-DAC4814AP Datasheet
235Kb / 12P
Quad 12-Bit Digital-to-Analog Converter Serial Interface
More results

Similar Description - DAC488HR/4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1038 NSC-ADC1038 Datasheet
551Kb / 13P
10-Bit Serial I/O A/D Converter with Analog Multiplexer
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
16-Bit D/A Converter for Digital Audio?
LC78833M SANYO-LC78833M Datasheet
295Kb / 11P
Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
LC78836M SANYO-LC78836M Datasheet
348Kb / 12P
Digital Audio 16-Bit D/A Converter with On-Chip Digital Filters?
logo
Zilog, Inc.
Z89223 ZILOG-Z89223 Datasheet
865Kb / 60P
16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
logo
Toshiba Semiconductor
TC35080P TOSHIBA-TC35080P Datasheet
730Kb / 11P
10-BIT SERIAL I/O A/D CONVERTER
logo
National Instruments Co...
NIPCI-8254R NI-NIPCI-8254R Datasheet
1Mb / 6P
IEEE 1394 Image Acquisition with Digital I/O
logo
Zilog, Inc.
Z8927320VSC ZILOG-Z8927320VSC Datasheet
988Kb / 60P
16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z8927320VSG ZILOG-Z8927320VSG Datasheet
988Kb / 60P
16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
logo
Texas Instruments
ADCV08832 TI1-ADCV08832 Datasheet
304Kb / 16P
8-Bit Serial I/O CMOS A/D Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com