Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLS8110 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DLS8110
Description  Spirent DLS 8110 VDSL Bridged Tap Simulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DLS8110 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DLS8110 Datasheet HTML 1Page - List of Unclassifed Manufacturers DLS8110 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Benefits
Variable, long bridged tap simulation
The DLS 8110 simulates the TP1 (26 AWG) bridged tap that is variable from 0 to
250 feet in 10 foot increments. Long bridged taps are important in VDSL data rate
and BER (Bit Error Rate) performance testing. Increments as short as 10 feet allow
the testing to be very focused in identifying access device problems.
Flexible bridged tap(s) set-up
A basic VDSL loop simulation system includes a DLS 8100 chassis (or at least one
DLS 8111 chassis) and at least one DLS 8110 chassis. A DLS 8100 (or DLS 8111) +
a DLS 8110 system offers VDSL testloops with long variable bridged tap(s) in
smaller increments. This helps to provide complex loops beyond the current VDSL
standard T1E1.4/2001-009R2 and ITU-T G.993.1 (previously known as G.vdsl).
Continuous bandwidth
The DLS 8110 and DLS 8111 combination provides continuous bandwidth from DC
to 30 MHz that is essential for the testing of VDSL co-existing with voice and
ISDN application on the same twisted pair.
Low noise floor
Passive component design approach allows attenuation, input impedance and
propagation delay of twisted pairs to be properly simulated while providing a low
noise floor.
Multiple control interfaces
IEEE or RS-232 interfaces allow for integration into a customer's test environment
and fully automated control.
Remote control
The DLS 8110 is configured for North American VDSL (as well as other xDSL)
standards. All VDSL wireline, VDSL bridged tap, and noise impairment test cases
are easily selected via the DLS 1100 GUI or integrated into an automated testing
system via SCPI (Standard Commands for Programmable Interfaces) or Spirent
Communications' ScriptCenter.
Key Spirent partner
The DLS 8110 VDSL Bridged Tap Simulator is a key component in the
comprehensive xDSL test and analysis solution offered by Spirent Communications
which includes its Smartbits, Adtech, Zarak and Hekimian products.
Sales Information Call
North America:
(800) 927 2660
International:
+33(0)1 61 37 2250
Spirent DLS Products
Tel: (613) 592 2661
Fax: (613) 592 0522
dls.spirentcom.com
Spirent DLS 8110 VDSL Bridged Tap Simulator
DLS 8110
Growing demand for high bandwidth multimedia
applications with integrated voice, data and video is
one of the primary drivers for VDSL technology, the
natural evolution from ADSL. To assist data rate
performance testing in VDSL chipset and modem
development, which are sensitive to bridged taps,
Spirent Communication has launched the DLS 8110
VDSL Bridged Tap Simulator. Used with the DLS 8100
(or the DLS 8111) VDSL Wireline Simulator, the
DLS 8110 helps to provide VDSL test loops that
include variable bridged taps with small increments.


Similar Part No. - DLS8110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DLS8100 ETC-DLS8100 Datasheet
146Kb / 4P
VDSL Wireline Simulator
More results

Similar Description - DLS8110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DLS8100 ETC-DLS8100 Datasheet
146Kb / 4P
VDSL Wireline Simulator
logo
Motorola, Inc
M68ICS08MR MOTOROLA-M68ICS08MR Datasheet
1,003Kb / 100P
In-Circuit Simulator
logo
Renesas Technology Corp
R20UT2914EJ0100 RENESAS-R20UT2914EJ0100 Datasheet
102Kb / 11P
CubeSuite Simulator
logo
Keysight Technologies
W2309EP KEYSIGHT-W2309EP Datasheet
167Kb / 4P
Bus Simulator
W2317EP KEYSIGHT-W2317EP Datasheet
167Kb / 4P
Bus Simulator
logo
Festo Corporation.
8029523 FESTO-8029523 Datasheet
77Kb / 1P
Simulator
8029524 FESTO-8029524 Datasheet
78Kb / 1P
Simulator
560503 FESTO-560503 Datasheet
79Kb / 1P
Simulator
logo
Pepperl+Fuchs Inc.
IS01 PF-IS01 Datasheet
695Kb / 3P
Simulator
VAZ-PB-SIM PF-VAZ-PB-SIM Datasheet
169Kb / 2P
PROFIBUS master simulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com