Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS14C335 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C335
Description  3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C335 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS14C335 Datasheet HTML 1Page - National Semiconductor (TI) DS14C335 Datasheet HTML 2Page - National Semiconductor (TI) DS14C335 Datasheet HTML 3Page - National Semiconductor (TI) DS14C335 Datasheet HTML 4Page - National Semiconductor (TI) DS14C335 Datasheet HTML 5Page - National Semiconductor (TI) DS14C335 Datasheet HTML 6Page - National Semiconductor (TI) DS14C335 Datasheet HTML 7Page - National Semiconductor (TI) DS14C335 Datasheet HTML 8Page - National Semiconductor (TI) DS14C335 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to + 6V
V
+ Pin
(V
CC−0.3V) to +14V
V
− Pin
+0.3V to −14V
Input Voltage (DIN, SD)
−0.3V to + 5.5V
Driver Output Voltage
(V
+ + 0.3V) to (V− −0.3V)
Receiver Input Voltage
±25V
Receiver Output Voltage
−0.3V to (V
CC+ 0.3V)
Junction Temperature
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering 4 sec.)
+260˚C
Short Circuit Duration (D
OUT)
continuous
Maximum Package Power Dissipation @ +25˚C
SSOP MSA Package
1286 mW
Derate MSA Package 10.3 mW/˚C above +25˚C
ESD Rating
(HBM, 1.5 k
Ω, 100 pF)
≥ 2.0 kV
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage (V
CC)
3.0
3.6
V
DC-DC Converter Capacitors
(C1–C5)
0.47
µF
Operating Free Air Temperature (T
A)
DS14C335
0
+70
˚C
Electrical Characteristics (Notes 2, 3)
Over recommended operating conditions, SD = 0.8V, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DEVICE CHARACTERISTICS
V+
Positive Power Supply
No Load
D
IN = 0.8V
+9.3
V
V−
Negative Power Supply
C1–C5 = 0.47
µF
D
IN = 2.0V
−9.0
V
I
CC
Supply Current
No Load
11.5
20
mA
I
CX
SHUTDOWN Supply
Current
R
L =3 kΩ, SD=VCC, 5.5V
1.0
10
µA
V
IH
High Level Enable
Voltage
SD
2.0
V
V
IL
Low Level Enable
Voltage
GND
0.8
V
I
IH
High Level Enable
Current
2.0V
≤ V
IN ≤ 5.5V
+2.0
µA
I
IL
Low Level Enable
Current
GND
≤ V
IN ≤ 0.8V
−2.0
µA
DRIVER CHARACTERISTICS
V
IH
High Level Input Voltage
D
IN
2.0
V
V
IL
Low Level Input Voltage
GND
0.8
V
I
IH
High Level Input Current
2.0V
≤ V
IN ≤
5.5V
+1.0
µA
I
IL
Low Level Input Current
GND
≤ V
IN ≤
0.8V
−1.0
µA
V
OH
High Level Output
Voltage
R
L =3 kΩ
+5.0
+7.1
V
V
OL
Low Level Output
Voltage
−6.3
−5.0
V
I
OS+
Output High Short
V
O = 0V, VIN = 0.8V (Note 7)
−40
−16.5
−8
mA
Circuit Current
I
OS−
Output Low Short
V
O = 0V, VIN = 2.0V (Note 7)
6
12.3
40
mA
Circuit Current
R
O
Output Resistance
−2V
≤ V
O ≤ +2V, VCC = GND = 0V
300
Ω
RECEIVER CHARACTERISTICS (Note 4)
V
TH
Input High Threshold
Voltage
R1–R5, SD = 0.8V
1.4
2.4
V
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com