Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM63 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM63
Description  Accurate Remote Diode Digital Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM63 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM63 Datasheet HTML 6Page - Texas Instruments LM63 Datasheet HTML 7Page - Texas Instruments LM63 Datasheet HTML 8Page - Texas Instruments LM63 Datasheet HTML 9Page - Texas Instruments LM63 Datasheet HTML 10Page - Texas Instruments LM63 Datasheet HTML 11Page - Texas Instruments LM63 Datasheet HTML 12Page - Texas Instruments LM63 Datasheet HTML 13Page - Texas Instruments LM63 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Remote High Limit
RDTS Measurement
LM63 ALERT Pin
Status Register: RTDS High
Time
LM63
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
THE ALERT/TACH PIN AS ALERT OUTPUT
The ALERT/Tach pin is a multi-use pin. In this section, we will address the ALERT active-low open-drain output
function. When the ALERT/Tach Select bit is written as a zero in the Configuration Register the ALERT output is
selected. Also, when the ALERT Mask bit in the Configuration register is written as zero the ALERT interrupts
are enabled.
The LM63's ALERT pin is versatile and can produce three different methods of use to best serve the system
designer: (1) as a temperature comparator (2) as a temperature-based interrupt flag, and (3) as part of an
SMBus ALERT System. The three methods of use are further described in the following sections: ALERT
OUTPUT AS A TEMPERATURE COMPARATOR, ALERT OUTPUT AS AN INTERRUPT, and ALERT OUTPUT
AS AN SMBus ALERT. The ALERT and interrupt methods are different only in how the user interacts with the
LM63.
The remote temperature (RT) reading is associated with a T_CRIT Setpoint Register, and both local and remote
temperature (LT and RT) readings are associated with a HIGH setpoint register (LHS and RHS). The RT is also
associated with a LOW setpoint register (RLS). At the end of every temperature reading a digital comparison
determines whether that reading is above its HIGH or T_CRIT setpoint or below its LOW setpoint. If so, the
corresponding bit in the ALERT Status Register is set. If the ALERT mask bit is low, any bit set in the ALERT
Status Register, with the exception of Busy or Open, will cause the ALERT output to be pulled low. Any
temperature conversion that is out of the limits defined in the temperature setpoint registers will trigger an
ALERT. Additionally, the ALERT Mask Bit must be cleared to trigger an ALERT in all modes.
The three different ALERT modes will be discussed in the following sections: ALERT OUTPUT AS A
TEMPERATURE COMPARATOR, ALERT OUTPUT AS AN INTERRUPT, and ALERT OUTPUT AS AN SMBus
ALERT.
ALERT OUTPUT AS A TEMPERATURE COMPARATOR
When the LM63 is used in a system in which does not require temperature-based interrupts, the ALERT output
could be used as a temperature comparator. In this mode, once the condition that triggered the ALERT to go low
is no longer present, the ALERT is negated (Figure 7). For example, if the ALERT output was activated by the
comparison of LT > LHS, when this condition is no longer true, the ALERT will return HIGH. This mode allows
operation without software intervention, once all registers are configured during set-up. In order for the ALERT to
be used as a temperature comparator, the Comparator Mode bit in the Remote Diode Temperature Filter and
Comparator Mode Register must be asserted. This is not the power-on default state.
Figure 7. ALERT Output as Temperature Comparator Response Diagram
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com