Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G04DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G04DBVT
Description  SN74LVC1G04 Single Inverter Gate
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G04DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC1G04DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
A
Y
SN74LVC1G04
SCES214AD –APRIL 1999–REVISED OCTOBER 2014
www.ti.com
9 Detailed Description
9.1 Overview
The SN74LVC1G04 device contains inverter gate and performs the Boolean function Y = A. This device is fully
specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing
damaging current backflow through the device when it is powered down.
The DPW package technology is a major breakthrough in IC packaging. Its tiny 0.64 mm square footprint saves
significant board space over other package options while still retaining the traditional manufacturing friendly lead
pitch of 0.5 mm.
9.2 Functional Block Diagram
9.3 Feature Description
• Wide operating voltage range.
– Operates from 1.65 V to 5.5 V.
• Allows down voltage translation.
• Inputs accept voltages to 5.5 V.
• Ioff feature allows voltages on the inputs and outputs, when VCC is 0 V.
9.4 Device Functional Modes
Function Table
INPUT
OUTPUT
A
Y
H
L
L
H
10
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com