Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS14C89A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS14C89A
Description  Quad CMOS Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C89A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS14C89A Datasheet HTML 1Page - National Semiconductor (TI) DS14C89A Datasheet HTML 2Page - National Semiconductor (TI) DS14C89A Datasheet HTML 3Page - National Semiconductor (TI) DS14C89A Datasheet HTML 4Page - National Semiconductor (TI) DS14C89A Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DS14C89A
Quad CMOS Receiver
General Description
The DS14C89A, pin-for-pin compatible to the DS1489A/
MC1489A, ia a quad receiver designed to interface data
terminal equipment (DTE) with data circuit-terminating
equipment (DCE). These devices translate levels conform-
ing to EIA-232E and CCITT V.28 standards to TTL/CMOS
logic levels.
The device is fabricated in low threshold CMOS metal gate
technology. The device provides very low power consump-
tion
compared
to
their
bipolar
equivalents:
900
µA
(DS14C89A) versus 26 mA (DS1489A).
The DS14C89A provides on chip noise filtering which elimi-
nates the need for external response control filter capacitors.
When replacing the DS1489A with the DS14C89A, the re-
sponse control filter pins can be tied high, low, or not con-
nected.
Features
n
Meets EIA/TIA-232-E and CCITT V.28 Standards
n
Failsafe - Output High for Open Input
n
LOW Power consumption
n
On chip noise filter
n
Available in SOIC Package
Connection Diagram
01110601
Order Number DS14C89AN, DS14C89AM,
See NS Package Number M14A, N14A
May 1998
© 2004 National Semiconductor Corporation
DS011106
www.national.com


Similar Part No. - DS14C89A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS14C89A TI1-DS14C89A Datasheet
236Kb / 11P
Quad CMOS Receiver
DS14C89A TI1-DS14C89A Datasheet
770Kb / 13P
Quad CMOS Receiver
DS14C89A TI2-DS14C89A Datasheet
411Kb / 15P
DS14C89A Quad CMOS Receiver
REVISED APRIL 2013
logo
National Semiconductor ...
DS14C89AM NSC-DS14C89AM Datasheet
117Kb / 6P
Quad CMOS Receiver
logo
Texas Instruments
DS14C89AM TI1-DS14C89AM Datasheet
236Kb / 11P
Quad CMOS Receiver
More results

Similar Description - DS14C89A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS34C86T NSC-DS34C86T Datasheet
196Kb / 8P
Quad CMOS Differential Line Receiver
DS14C89AT NSC-DS14C89AT Datasheet
117Kb / 6P
Quad CMOS Receiver
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS34C86TMX TI-DS34C86TMX Datasheet
839Kb / 13P
DS34C86T Quad CMOS Differential Line Receiver
DS14C89A TI1-DS14C89A_15 Datasheet
236Kb / 11P
Quad CMOS Receiver
DS90C032 TI1-DS90C032_16 Datasheet
864Kb / 18P
Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
LVDS Quad CMOS Differential Line Receiver
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
LVDS Quad CMOS Differential Line Receiver
DS14C89A TI1-DS14C89A_19 Datasheet
770Kb / 13P
Quad CMOS Receiver
logo
ARTSCHIP ELECTRONICS CO...
DS34C86T ARTSCHIP-DS34C86T Datasheet
215Kb / 6P
Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com