Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CL76 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 2CL76
Description  HIGH VOLTAGE RECTIFIER DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

2CL76 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  2CL76 Datasheet HTML 1Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2CL76
VOLTAGE RANGE: 18 KV
Outline Drawings : mm
27 min.
27 min.
12
o 3.0
o 0.6
Cathode Mark
Lot No.
2CL76
45
18
CURRENT: 5.0 m
A
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
Features
·
·
·
·
·
·
·
·
·
5.0
5.0
1.0
0.5
100
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Ta=25°C,Resistive Load
125
125
-40 to +125
Units
kV
mA
A
°C
°C
°C
Maximum Forward Voltage Drop
Maximum Reverse Current
VF
V
uA
uA
R
stg
2.0
pF
RRM
nS
at 25°C,IF =IF(AV)
Characteristic
Maximum Reverse Recovery Time
Trr
at 25°C
Junction Capacitance
Cj
at 25°C,V =0V,f=1MHz
V
at 100°C
at 25°C
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Storage Temperature
T
Applications
HIGH VOLTAGE RECTIFIER DIODES


Similar Part No. - 2CL76

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL76 EDI-2CL76 Datasheet
56Kb / 1P
HIGH VOLTAGE, LOW CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL76 GETEDZ-2CL76 Datasheet
78Kb / 1P
5mA 18kV HIGH VOLTAGE DIODES
2CL76 GETEDZ-2CL76 Datasheet
638Kb / 2P
High Voltage Silicon Rectifier Diode
logo
SiPower Inc.
2CL76 SIPOWER-2CL76 Datasheet
68Kb / 2P
Fast Recovery High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL76 YFWDIODE-2CL76 Datasheet
352Kb / 2P
Fast recovery high voltage diodes
More results

Similar Description - 2CL76

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HVR312 EIC-HVR312 Datasheet
15Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
HVR230 EIC-HVR230 Datasheet
32Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
2CL69A SUNMATE-2CL69A Datasheet
206Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
2CL75 SUNMATE-2CL75 Datasheet
198Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
2CL79 SUNMATE-2CL79 Datasheet
213Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
ESJA08-12 SUNMATE-ESJA08-12 Datasheet
395Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
ESJA54-06A SUNMATE-ESJA54-06A Datasheet
217Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
SHV-16 SUNMATE-SHV-16 Datasheet
339Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
HVP-10 SUNMATE-HVP-10 Datasheet
701Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
R5000F SUNMATE-R5000F Datasheet
255Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com