Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G86DCUT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G86DCUT
Description  Dual 2-Input Exclusive-OR Gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G86DCUT Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC2G86DCUT Datasheet HTML 1Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 2Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 3Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 4Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 5Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 6Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 7Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 8Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
=
2k
2k + 1
LOGIC-IDENTITY ELEMENT
EVEN-PARITY ELEMENT
ODD-PARITY ELEMENT
The output is active (low) if
all inputs stand at the same
logic level (i.e., A = B).
The output is active (low) if
an even number of inputs
(i.e., 0 or 2) are active.
The output is active (high) if
an odd number of inputs
(i.e., only 1 of the 2) are
active.
= 1
EXCLUSIVE OR
These are five equivalent exclusive-OR symbols valid for an SN74LVC2G86 gate in positive logic; negation may be shown at any two ports.
SN74LVC2G86
SCES360I – AUGUST 2001 – REVISED DECEMBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Function Table
(Each Gate)
INPUTS
OUTPUT
Y
A
B
L
L
L
L
H
H
H
L
H
H
H
L
EXCLUSIVE-OR LOGIC
An exclusive-OR gate has many applications, some of which can be represented better by alternative logic
symbols.
2
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com