Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC112ADBLE Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVC112ADBLE
Description  SN74LVC112A Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC112ADBLE Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC112ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 9Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 10Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 11Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 12Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 13Page - Texas Instruments SN74LVC112ADBLE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
PRE
V
GND
J
K
Q
Q
Regulated 3.3 V
CC
µC or
µC
System Logic
LEDs
System Logic
CLK
CLR
SN74LVC112A
SCAS289M – JANUARY 1993 – REVISED DECEMBER 2014
www.ti.com
10 Application and Implementation
10.1 Application Information
SN74LVC112A is a high-drive CMOS device that can be used for a multitude of bus interface type applications
where the data needs to be retained or latched. It can produce 24 mA of drive current at 3.3 V, making it Ideal for
driving multiple outputs and good for high-speed applications up to 150 MHz. The inputs are 5.5-V tolerant
allowing it to translate down to VCC.
10.2 Typical Application
Figure 5. Typical Application Schematic
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create fast
edges into light loads, so routing and load conditions should be considered to prevent ringing.
10.2.2 Detailed Design Procedure
1. Recommended Input Conditions
–
For rise time and fall time specifications, see
Δt/ΔV in the Recommended Operating Conditions table.
–
For specified High and low levels, see VIH and VIL in the Recommended Operating Conditions table.
–
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC.
2. Recommend Output Conditions
–
Load currents should not exceed 50 mA per output and 100 mA total for the part.
–
Outputs should not be pulled above VCC.
10
Submit Documentation Feedback
Copyright © 1993–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVC112A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com