Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS16149 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS16149
Description  Hex MOS Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS16149 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS16149 Datasheet HTML 1Page - National Semiconductor (TI) DS16149 Datasheet HTML 2Page - National Semiconductor (TI) DS16149 Datasheet HTML 3Page - National Semiconductor (TI) DS16149 Datasheet HTML 4Page - National Semiconductor (TI) DS16149 Datasheet HTML 5Page - National Semiconductor (TI) DS16149 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
70V
Logical ‘‘1’’ Input Voltage
70V
Logical ‘‘0’’ Input Voltage
b
15V
Storage Temperature Range
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Cavity Package
1371 mW
Molded Package
1280 mW
Lead Temperature (Soldering 10 seconds)
300 C
Derate cavity package 91 mW C above 25 C derate molded package
102 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
45
55
V
Temperature (TA)
DS16149 DS16179
b
55
a
125
C
DS36149 DS36179
0
a
70
C
DC Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN(1)
Logical ‘‘1’’ Input Voltage
20
V
VIN(0)
Logical ‘‘0’’ Input Voltage
08
V
IIN(1)
Logical ‘‘1’’ Input Current
VCC e 55V VIN e 55V
01
40
m
A
IIN(0)
Logical ‘‘0’’ Input Current
VCC e 55V VIN e 05V
b
50
b
250
m
A
VCLAMP
Input Clamp Voltage
VCC e 45V IIN eb18 mA
b
075
b
12
V
VOH
Logical ‘‘1’’ Output Voltage
VCC e 45V IOH eb10 mA
DS16149DS16179
34
43
V
(No Load)
DS36149DS36179
35
43
V
VOL
Logical ‘‘0’’ Output Voltage
VCC e 45V IOL e 10 mA
DS16149DS16179
025
04
V
(No Load)
DS36149DS36179
025
035
V
VOH
Logical ‘‘1’’ Output Voltage
DS16149
24
35
V
(With Load)
VCC e 45V IOH eb10 mA
DS16179
25
35
V
DS36149
26
35
V
DS36179
27
35
V
VOL
Logical ‘‘0’’ Output Voltage
DS16149
06
11
V
(With Load)
VCC e 45V IOL e 20 mA
DS16179
04
05
V
DS36149
06
10
V
DS36179
04
05
V
IID
Logical ‘‘1’’ Drive Current
VCC e 45V VOUT e 0V (Note 4)
b
250
mA
IOD
Logical ‘‘0’’ Drive Current
VCC e 45V VOUT e 45V (Note 4)
150
mA
ICC
Power Supply Current
Disable Inputs e 0V
33
60
mA
VCC e 55V
All Other Inputs e 3V
All Inputs e 0V
14
20
mA
Switching Characteristics (VCC e 5V TA e 25 C) (Note 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tSg
Storage Delay Negative Edge
(
Figure 1 )
CL e 50 pF
45
7
ns
CL e 500 pF
75
12
ns
tS’
Storage Delay Positive Edge
(
Figure 1 )
CL e 50 pF
5
8
ns
CL e 500 pF
8
13
ns
tF
Fall Time
(
Figure 1 )
CL e 50 pF
5
8
ns
CL e 500 pF
22
35
ns
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com