Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2551I/P Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP2551I/P
Description  High-Speed CAN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2551I/P Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP2551I/P Datasheet HTML 6Page - Microchip Technology MCP2551I/P Datasheet HTML 7Page - Microchip Technology MCP2551I/P Datasheet HTML 8Page - Microchip Technology MCP2551I/P Datasheet HTML 9Page - Microchip Technology MCP2551I/P Datasheet HTML 10Page - Microchip Technology MCP2551I/P Datasheet HTML 11Page - Microchip Technology MCP2551I/P Datasheet HTML 12Page - Microchip Technology MCP2551I/P Datasheet HTML 13Page - Microchip Technology MCP2551I/P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MCP2551
DS21667C-page 10
Preliminary
 2002 Microchip Technology Inc.
FIGURE 2-3:
TEST CIRCUIT FOR AUTOMOTIVE TRANSIENTS
FIGURE 2-4:
HYSTERESIS OF THE RECEIVER
RS
Rext
GND
RXD
VREF
TXD
60
Ω
500 pF
500 pF
Note:
RS may be connected to VDD or
GND via a load resistor depending
on desired operating mode as
described in Section 1.7.8
CANH
CANL
CAN
Transceiver
Schaffner
Generator
The wave forms of the applied transients shall be in accordance with “ISO-7637, Part 1”, test pulses 1, 2, 3a and 3b.
VOH
VOL
0.5
0.9
hysteresis
D19
VDIFF (V)
RXD (receive data
output voltage)
VDIFF (r)(i)
VDIFF (d)(i)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com