Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9070 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM9070
Description  Low-Dropout System Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9070 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM9070 Datasheet HTML 7Page - Texas Instruments LM9070 Datasheet HTML 8Page - Texas Instruments LM9070 Datasheet HTML 9Page - Texas Instruments LM9070 Datasheet HTML 10Page - Texas Instruments LM9070 Datasheet HTML 11Page - Texas Instruments LM9070 Datasheet HTML 12Page - Texas Instruments LM9070 Datasheet HTML 13Page - Texas Instruments LM9070 Datasheet HTML 14Page - Texas Instruments LM9070 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LM9070
www.ti.com
SNVS130E – DECEMBER 1999 – REVISED APRIL 2013
Figure 23. System Application Circuit and Control Waveforms
THERMAL MANAGEMENT
The LM9070 is packaged in both a TO-263 surface mount power package and a narrow lead-pitch TO-220
package. To obtain operation over the highest possible load current and input voltage ranges, care must be
taken to control the operating temperature of the device. Thermal shutdown protection is built in, with a threshold
above 150°C. Conventional heat-sinking techniques can be used with the TO-220 package. When applying the
TO-263 package, on board heat-sinking is important to prevent premature thermal shutdown. More copper foil
area under the tab of the device will directly improve the operating
θJ-A of the TO-263 package, which will reduce
the junction temperature of the device.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM9070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com