Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2551E/P Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP2551E/P
Description  High-Speed CAN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2551E/P Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP2551E/P Datasheet HTML 8Page - Microchip Technology MCP2551E/P Datasheet HTML 9Page - Microchip Technology MCP2551E/P Datasheet HTML 10Page - Microchip Technology MCP2551E/P Datasheet HTML 11Page - Microchip Technology MCP2551E/P Datasheet HTML 12Page - Microchip Technology MCP2551E/P Datasheet HTML 13Page - Microchip Technology MCP2551E/P Datasheet HTML 14Page - Microchip Technology MCP2551E/P Datasheet HTML 15Page - Microchip Technology MCP2551E/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MCP2551
DS21667C-page 12
Preliminary
 2002 Microchip Technology Inc.
2.4
Timing Diagrams and Specifications
FIGURE 2-5:
TIMING DIAGRAM FOR AC CHARACTERISTICS
FIGURE 2-6:
TIMING DIAGRAM FOR WAKEUP FROM STANDBY
FIGURE 2-7:
TIMING DIAGRAM FOR BUS DOMINANT TO RXD LOW (STANDBY MODE)
3
5
4
6
0.9V
0.5V
0V
VDD
TXD (transmit data
input voltage)
VDIFF (CANH,
CANL differential
voltage)
RXD (receive data
output voltage)
0.3 VDD
0.7 VDD
VTXD = 0.8V
10
0V
VDD
VRS Slope resistor
input voltage
VRXD Receive data
output voltage
0.6 VDD
0.3 VDD
VRS = 4V; VTXD = 2V
1.5V
0V
11
VDIFF, Differential
voltage
Receive data
output voltage
0.9V
0.3 VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com