Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC568 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMC568
Description  Low Power Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC568 Datasheet(HTML) 2 Page - Texas Instruments

  LMC568 Datasheet HTML 1Page - Texas Instruments LMC568 Datasheet HTML 2Page - Texas Instruments LMC568 Datasheet HTML 3Page - Texas Instruments LMC568 Datasheet HTML 4Page - Texas Instruments LMC568 Datasheet HTML 5Page - Texas Instruments LMC568 Datasheet HTML 6Page - Texas Instruments LMC568 Datasheet HTML 7Page - Texas Instruments LMC568 Datasheet HTML 8Page - Texas Instruments LMC568 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LMC568
SNAS559B – MAY 1999 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Input Voltage, Pin 3
2 Vp–p
Supply Voltage, Pin 4
10V
Output Voltage, Pin 8
13V
Voltage at All Other Pins
Vs to Gnd
Output Current, Pin 8
30 mA
Package Dissipation
500 mW
Operating Temperature Range (TA)
−25°C to +125°C
Storage Temperature Range
−55°C to +150°C
Soldering Information
PDIP Package
Soldering (10 seconds)
260°C
SOIC Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
Electrical Characteristics
Test Circuit, TA= 25°C, VS= 5V, RtCt #2, Sw. 1 Pos. 0; and no input unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I4
Power Supply Current
RtCt # 1, Quiescent or Activated
VS = 2V
0.35
VS = 5V
0.75
1.5
mAdc
VS = 9V
1.2
2.4
V3
Input D.C. Bias
0
mVdc
R3
Input Resistance
40
k
Ω
I8
Output Leakage
1
100
nAdc
f0
Center Frequency Fosc ÷ 2 RtCt #2, Measure Oscillator Frequency and
VS = 2V
98
Divide by 2
VS = 5V
90
103
115
kHz
VS = 9V
105
Δf0
Center Frequency Shift
with Supply
1.0
2.0
%/V
Vin
Input Threshold
VS = 2V
8
16
25
Set Input Frequency Equal to f0 Measured
Above, Increase Input Level until Pin 8 Goes VS = 5V
15
26
42
mVrms
Low.
VS = 9V
45
ΔVin
Input Hysteresis
Starting at Input Threshold, Decrease Input Level until Pin
1.5
mVrms
8 Goes High
V8
Output "Sat" Voltage
I8 = 2 mA
0.06
0.15
Input Level > Threshold Choose RL for
Vdc
Specified I8
I8 = 20 mA
0.7
L.D.B.W.
Largest Detection
Measure Fosc with Sw. 1 in Pos. 0, 1, and 2;
VS = 2V
30
Bandwidth
VS = 5V
40
55
%
VS = 9V
60
ΔBW
Bandwidth Skew
1
±5
%
Vout
Recovered Audio
VS = 2V
170
Typical Application Circuit
Input = 100 mVrms, F = 100 kHz
VS = 5V
270
mVrms
Fmod = 400 Hz, ± 10 kHz Dev.
VS = 9V
400
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC568



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com