Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6032IM/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6032IM/NOPB
Description  CMOS Dual Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6032IM/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMC6032IM/NOPB Datasheet HTML 4Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 5Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 6Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 7Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 8Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 9Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 10Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 11Page - Texas Instruments LMC6032IM/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
LMC6032
SNOS609C – NOVEMBER 1994 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VS = ±7.5V, TA = 25°C unless otherwise specified
Stability vs
Capacitive Load
Avoid resistive loads of less than 500
Ω, as they may cause instability.
Figure 14.
8
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com