Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6034IM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6034IM/NOPB
Description  CMOS Quad Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6034IM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMC6034IM/NOPB Datasheet HTML 1Page - Texas Instruments LMC6034IM/NOPB Datasheet HTML 2Page - Texas Instruments LMC6034IM/NOPB Datasheet HTML 3Page - Texas Instruments LMC6034IM/NOPB Datasheet HTML 4Page - Texas Instruments LMC6034IM/NOPB Datasheet HTML 5Page - Texas Instruments LMC6034IM/NOPB Datasheet HTML 6Page - Texas Instruments LMC6034IM/NOPB Datasheet HTML 7Page - Texas Instruments LMC6034IM/NOPB Datasheet HTML 8Page - Texas Instruments LMC6034IM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LMC6034
SNOS608C – MAY 1998 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Differential Input Voltage
±Supply Voltage
Supply Voltage (V+
− V−)
16V
Output Short Circuit to V+
See(3)
Output Short Circuit to V−
See(4)
Lead Temperature (Soldering, 10 sec.)
260°C
Storage Temperature Range
−65°C to +150°C
Power Dissipation
See(5)
Voltage at Output/Input Pin
(V+) +0.3V, (V−)
−0.3V
Current at Output Pin
±18 mA
Current at Input Pin
±5 mA
Current at Power Supply Pin
35 mA
Junction Temperature(5)
150°C
ESD Tolerance(6)
1000V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Do not connect output to V+, when V+ is greater than 13V or reliability may be adversely affected.
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature and/or
multiple Op Amp shorts can result in exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30
mA over long term may adversely affect reliability.
(5)
The maximum power dissipation is a function of TJ(max), θJA, TA. The maximum allowable power dissipation at any ambient temperature
is PD = (TJ(max)–TA)/θJA.
(6)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
OPERATING RATINGS
(1)
Temperature Range
−40°C ≤ TJ ≤ +85°C
Supply Voltage Range
4.75V to 15.5V
Power Dissipation
See(2)
Thermal Resistance (
θJA)
(3)
14-Pin SOIC
115°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed.
(2)
For operating at elevated temperatures the device must be derated based on the thermal resistance
θJA with PD = (TJ − TA)/θJA.
(3)
All numbers apply for packages soldered directly into a PC board.
DC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all limits guaranteed for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
− = GND = 0V, V
CM = 1.5V, VOUT = 2.5V, and RL > 1M unless otherwise specified.
Symbol
Parameter
Conditions
Typical(1)
LMC6034I
Units
Limit(2)
VOS
Input Offset Voltage
1
9
mV
11
max
ΔVOS/ΔT
Input Offset Voltage
2.3
μV/°C
Average Drift
IB
Input Bias Current
0.04
pA
200
max
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are guaranteed at room temperature (standard type face) or at operating temperature extremes (bold type face).
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LMC6034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com