Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6584MT/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM6584MT/NOPB
Description  LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6584MT/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM6584MT/NOPB Datasheet HTML 1Page - Texas Instruments LM6584MT/NOPB Datasheet HTML 2Page - Texas Instruments LM6584MT/NOPB Datasheet HTML 3Page - Texas Instruments LM6584MT/NOPB Datasheet HTML 4Page - Texas Instruments LM6584MT/NOPB Datasheet HTML 5Page - Texas Instruments LM6584MT/NOPB Datasheet HTML 6Page - Texas Instruments LM6584MT/NOPB Datasheet HTML 7Page - Texas Instruments LM6584MT/NOPB Datasheet HTML 8Page - Texas Instruments LM6584MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
+
-
MEASURE
CURRENT
10nF
10nF
10nF
10nF
MEASURE
VOLTAGE
±2.5V
SQUARE WAVE
10:
10:
10:
10:
+2.5V
-2.5V
6.5V
-6.5V
300:
3k:
LM6584
www.ti.com
SNOSA44C – MAY 2003 – REVISED MARCH 2013
LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
Check for Samples: LM6584
1
FEATURES
APPLICATIONS
•
(VS = 5V, TA = 25°C Typical Values Unless
•
LCD Panel VCOM Driver
Specified)
•
LCD Panel Gamma Buffer
•
Input Common Mode Voltage 0.5V Beyond
•
LCD Panel Repair Amp
Rails
•
Output Voltage Swing (RL = 2kΩ) 50mV from
DESCRIPTION
Rails
The LM6584 is a low power, high voltage, rail-to-rail
input-output amplifier ideally suited for LCD panel
•
Output Short Circuit Current +310/
−410mA
VCOM driver and gamma buffer applications. The
•
Continuous Output Current 75mA
LM6584 contains four unity gain stable amplifiers in
•
Supply Current (Per Amp, No Load) 750
μA
one package. It provides a common mode input
ability of 0.5V beyond the supply rails, as well as an
•
Supply Voltage Range 5V to 13V
output voltage range that extends to within 50mV of
•
Unity Gain Stable
either supply rail. With these capabilities, the LM6584
•
−3dB Bandwidth (AV = +1) 24MHz
provides maximum dynamic range at any supply
voltage. Operating on supplies ranging from 5V to
•
Slew Rate 11V/
μSec
13V, while consuming only 750
μA per amplifier, the
•
Settling Time 270ns
LM6584 has a bandwidth of 24MHz (
−3dB).
•
SOIC and TSSOP Package
The LM6584 also features fast slewing and settling
•
Manufactured in Texas Instruments' State-of-
times, along with a high continuous output capability
the-Art Bonded Wafer, Trench Isolated
of 75mA. This output stage is capable of delivering
Complementary Bipolar VIP10 Technology for
approximately 310mA peak currents in order to
High Performance at Low Power Levels
charge or discharge capacitive loads. These features
are ideal for use in TFT-LCDs.
The LM6584 is available in the industry standard 14-
pin SOIC package and in the space-saving 14-pin
TSSOP package. The amplifiers are specified for
operation over the full
−40°C to +85°C temperature
range.
Figure 1. Test Circuit Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM6584MT/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6584MT/NOPB TI2-LM6584MT/NOPB Datasheet
969Kb / 33P
LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
REVISED MARCH 2013
LM6584MT/NOPB.A TI2-LM6584MT/NOPB.A Datasheet
969Kb / 33P
LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
REVISED MARCH 2013
More results

Similar Description - LM6584MT/NOPB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
Mar-1999
logo
National Semiconductor ...
LM6588 NSC-LM6588 Datasheet
603Kb / 16P
TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
LMH6640 NSC-LMH6640 Datasheet
901Kb / 13P
TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
LM6584 NSC-LM6584 Datasheet
976Kb / 16P
TFT-LCD Quad, 13V RRIO High Output Current
logo
Linear Technology
LT1943 LINER-LT1943 Datasheet
279Kb / 12P
High Current Quad Output Regulator for TFT LCD Panels
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924_05 Datasheet
385Kb / 14P
Rail-to-rail High Output Current Quad Operational Amplifier
Nov-2005
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
logo
Linear Technology
LT1943 LINER-LT1943_1 Datasheet
271Kb / 20P
High Current Quad Output Regulator for TFT LCD Panels
LT1943 LINER-LT1943_15 Datasheet
277Kb / 20P
High Current Quad Output Regulator for TFT LCD Panels
logo
Texas Instruments
LM6588 TI1-LM6588 Datasheet
1Mb / 29P
LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com