Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDEP147 Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDEP147
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP147 Datasheet(HTML) 4 Page - Sumida Corporation

  CDEP147_13 Datasheet HTML 1Page - Sumida Corporation CDEP147_13 Datasheet HTML 2Page - Sumida Corporation CDEP147_13 Datasheet HTML 3Page - Sumida Corporation CDEP147_13 Datasheet HTML 4Page - Sumida Corporation CDEP147_13 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP147
0.0
0.8
1.6
2.4
3.2
4.0
4.8
0
5
10 15 20 25 30
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
6
12 18 24 30 36
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
8
16
24
32
40
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
8
16
24
32
40
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
8
16
24
32
40
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
8
16
24
32
40
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
4
8
12
16
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
3
6
9
12 15
18
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
4
8
12
16
20
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
4
8
12
16
20
24
0
10
20
30
40
50
60
0.0
0.8
1.6
2.4
3.2
4.0
4.8
0
5
10 15 20 25 30
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
8
16
24
32
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
13. CDEP147NP-2R4MC-95
△T (℃)
L (
μH)
14. CDEP147NP-3R4MC-95
△T (℃)
L (
μH)
15. CDEP147NP-4R7MC-95
L (
μH)
DC (A)
17. CDEP147NP-7R7MC-95
△T (℃)
L (
μH)
18. CDEP147NP-9R5MC-95
DC (A)
19. CDEP147NP-0R3NC-73
△T (℃)
L (
μH)
20. CDEP147NP-0R7MC-73
△T (℃)
L (
μH)
DC (A)
21. CDEP147NP-1R2MC-73
DC (A)
16. CDEP147NP-6R1MC-95
△T (℃)
DC (A)
DC (A)
22. CDEP147NP-1R8MC-73
△T (℃)
L (
μH)
DC (A)
23. CDEP147NP-2R6MC-73
△T (℃)
L (
μH)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (20
℃)
△T
L (100
℃)
24. CDEP147NP-3R5MC-73
△T (℃)
L (
μH)
DC (A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com