Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD75 Datasheet(PDF) 4 Page - Sumida Corporation

Part # CD75
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD75 Datasheet(HTML) 4 Page - Sumida Corporation

  CD75_13 Datasheet HTML 1Page - Sumida Corporation CD75_13 Datasheet HTML 2Page - Sumida Corporation CD75_13 Datasheet HTML 3Page - Sumida Corporation CD75_13 Datasheet HTML 4Page - Sumida Corporation CD75_13 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD75
0
100
200
300
400
500
600
0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
100
200
300
400
500
600
0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
60
120
180
240
300
360
0
0.2
0.4
0.6
0.8
1
0
10
20
30
40
50
60
0
60
120
180
240
300
360
0
0.2
0.4
0.6
0.8
1
0
10
20
30
40
50
60
0
60
120
180
240
300
360
0
0.2
0.4
0.6
0.8
1
0
10
20
30
40
50
60
0
40
80
120
160
200
240
0
0.2 0.4 0.6 0.8
1
1.2
0
10
20
30
40
50
60
0
40
80
120
160
200
240
0
0.2 0.4 0.6 0.8
1
1.2
0
10
20
30
40
50
60
0
30
60
90
120
150
180
0
0.3
0.6
0.9
1.2
1.5
0
10
20
30
40
50
60
0
20
40
60
80
100
120
0
0.3
0.6
0.9
1.2
1.5
0
10
20
30
40
50
60
13. CD75NP-101KC
△T (℃)
L (
μH)
14. CD75NP-121KC
△T (℃)
L (
μH)
15. CD75NP-151KC
L (
μH)
DC (A)
17. CD75NP-221KC
△T (℃)
L (
μH)
16. CD75NP-181KC
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
Saturation Current & Temperature Rise Graph
L (20
℃)
△T
L (105
℃)
18. CD75NP-271KC
DC (A)
△T (℃)
L (
μH)
19. CD75NP-331KC
△T (℃)
L (
μH)
20. CD75NP-391KC
△T (℃)
L (
μH)
DC (A)
21. CD75NP-471KC
DC (A)
DC (A)
△T (℃)
L (
μH)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com